Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-232-R

  • AI
    The **W2SP-232-R** is an industrial-grade, port-powered RS-232 surge protector manufactured by **B+B SmartWorx (Advantech)**. It is specifically designed to protect sensitive serial ports from data line surges and transient voltage spikes. --- ### ## 1. Key Technical Specifications The device acts as a "clamping" mechanism to prevent high-voltage transients from reaching the host computer or the connected peripheral. | Feature | Specification | | :--- | :--- | | **Interface** | RS-232 (Bi-directional) | | **Connectors** | DB9 Female (DCE) to DB9 Male (DTE) | | **Clamping Voltage** | ~7.5 Volts | | **Max Surge Current** | 40 Amps | | **Response Time** | < 1 Nanosecond | | **Protected Lines** | All 9 Pins (1-9) | | **Mounting** | In-line / Panel Mount | --- ### ## 2. Electronic Component Breakdown The W2SP-232-R utilizes high-speed solid-state components to ensure the signal integrity of the RS-232 communication while providing a path to ground for surges. #### ### A. Transient Voltage Suppressor (TVS) Diodes The core of the device consists of high-speed TVS diodes. * **Function:** When voltage exceeds the breakdown threshold (approx. 7.5V), the diodes become conductive. * **Action:** They divert the excess current to the ground lug, "clamping" the voltage to a level the serial port can withstand. #### ### B. Port-Power Circuitry This device is **passive**, meaning it does not require an external power supply. * It draws minimal energy from the RS-232 signal lines themselves. * It features low-capacitance design to ensure it does not distort data waveforms at standard baud rates (up to 115.2 kbps). #### ### C. Grounding Lug * The external screw terminal (Grounding Lug) is the most critical physical component. * Without a solid connection from this lug to a chassis ground or earth ground, the surge has no "exit path," rendering the electronic protection ineffective. --- ### ## 3. Typical Application Diagram The device is placed physically between the cable and the equipment to be protected. ```text [PC / PLC Port] <---> [W2SP-232-R] <---> [Field Serial Cable] | [Ground Wire] ---> (Earth Ground) ``` ### ## 4. Common Use Cases 1. **Industrial Automation:** Protecting PLCs from ground loops or motor interference. 2. **Outdoor Sensors:** Protecting indoor computers from surges picked up by long outdoor serial runs. 3. **Laboratory Equipment:** Isolating sensitive measurement tools from electrical noise.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this surge protector and a serial isolator?
    • ⤷ How do I properly ground the W2SP-232-R in a rack environment?
    • ⤷ Can this device protect against a direct lightning strike?