Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-2AD-R2

  • AI
    The **W2SP-2AD-R2** is a high-performance, signal conditioning module designed for industrial automation. It is specifically a **2-channel Analog Input (A/D) module** typically used in Mitsubishi Electric's MELSEC series (or compatible remote I/O systems) to convert analog signals from sensors into digital data for a PLC. --- ### ## Technical Specifications Below are the primary electronic characteristics of the W2SP-2AD-R2: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 Isolated Channels | | **Input Type** | Voltage or Current (Selectable) | | **Voltage Input Range** | DC -10V to +10V, 0 to 10V, 1 to 5V | | **Current Input Range** | DC 4 to 20mA, 0 to 20mA | | **Digital Output** | 16-bit Signed Binary | | **Conversion Speed** | Approx. 1ms to 10ms per channel (depending on settings) | | **Isolation** | Photocoupler isolation between input and internal circuit | --- ### ### Core Electronic Components The internal architecture of the module consists of several critical electronic stages: 1. **Analog Front-End (AFE):** * **Operational Amplifiers:** High-precision op-amps used to buffer and scale the incoming voltage/current signals. * **Input Protection:** Zener diodes and resistors to protect against overvoltage and electrostatic discharge (ESD). 2. **Analog-to-Digital Converter (ADC):** * A high-resolution (typically 16-bit) ADC chip that samples the analog waveform and converts it into a digital bitstream. 3. **Digital Processing Unit:** * Contains a microcontroller or FPGA that performs digital filtering, scaling, and prepares the data for the system bus. 4. **Galvanic Isolation:** * Uses **Photocouplers (Optoisolators)** to ensure that electrical noise or surges on the sensor side do not damage the PLC's main CPU or backplane. --- ### ### Connection Diagram Example To interface with a sensor, the wiring typically follows this logic: ```markdown [Sensor] (+) ----> [V+/I+ Terminal] [Sensor] (-) ----> [COM Terminal] [Shield] ----> [FG (Frame Ground)] ``` > **Note:** For current inputs (4-20mA), a precision shunt resistor is often internally engaged when the module is configured for current mode via DIP switches or software settings. --- ### ### Key Advantages * **Dual-Channel Versatility:** Allows two independent sensors (e.g., pressure and temperature) to be monitored by one compact unit. * **High Precision:** Low noise floor ensures accurate readings even in electromagnetically noisy factory environments. * **Compact Form Factor:** The "R2" designation often refers to a specific rack or rail mounting style designed for space-saving in control panels.
    ✨ Follow-up Questions
    • ⤷ What are the specific DIP switch settings for switching between voltage and current modes?
    • ⤷ How does the resolution change when switching from 0-10V to 4-20mA?
    • ⤷ Is the W2SP-2AD-R2 compatible with the MELSEC-Q or FX series?