Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-2CB-R2/N

  • AI
    The **W2SP-2CB-R2/N** refers to a specific configuration of a **Signal Conditioner / Isolated Transmitter** typically manufactured by companies like **M-System** (now MG CO., LTD). This specific model is a dual-output, plug-in signal conditioner designed to convert and isolate DC input signals. --- ## Technical Specifications Breakdowns ### 1. Model Code Deciphering | Code Component | Description | | :--- | :--- | | **W2SP** | Series designation (Ultra-slim Dual Output Signal Conditioner) | | **2** | Input type (typically 4 – 20 mA DC or specific Voltage range) | | **CB** | Output 1 & Output 2 configuration (e.g., C=4-20mA, B=1-5V DC) | | **R2** | Power Input (typically 24V DC) | | **N** | Special options or standard mounting (often DIN rail/Surface) | ### 2. Core Electronic Components & Functions * **Isolation Transformer:** Provides galvanic isolation between the input, output 1, output 2, and the power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. * **Operational Amplifiers (Op-Amps):** High-precision amplifiers handle the linear scaling of the signal to ensure the output remains proportional to the input. * **A/D and D/A Converters:** In modern digital versions, the analog input is digitized for processing and then converted back to isolated analog signals for the output stages. * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the calibration of the electronic circuit. --- ## Technical Features ### Electrical Isolation The unit provides **four-way isolation**: 1. Input to Output 1 2. Input to Output 2 3. Input to Power 4. Output to Output ### Connectivity Diagram (Generic Example) ```mermaid graph LR Input[Input Signal] --> Iso{Isolation Barrier} Iso --> Out1[Output 1: 4-20mA] Iso --> Out2[Output 2: 1-5V] Power[24V DC Power] --> Iso ``` ### Key Performance Data | Parameter | Typical Value | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation Resistance** | ≥ 100 MΩ at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ## Applications * **Signal Splitting:** Sending one sensor signal to both a local display and a remote PLC simultaneously. * **Impedance Matching:** Converting a high-impedance signal to a low-impedance current loop. * **Noise Reduction:** Filtering out electromagnetic interference (EMI) in industrial environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output ranges for the 'CB' configuration?
    • ⤷ How do I calibrate the Zero and Span settings on this unit?
    • ⤷ What is the maximum load resistance for the 4-20mA output channel?