Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-2D4-R/N

  • AI
    The **W2SP-2D4-R/N** is a specific model within a series of industrial control components, typically categorized as a **Terminal Relay Board** or **Relay Terminal Module**. These devices are used to bridge the gap between low-power control signals (like those from a PLC) and high-power field devices. ### 1. General Specifications This part is designed for space-saving and efficient wiring in control panels. | Feature | Specification Details | | :--- | :--- | | **Model Type** | Relay Terminal Block / Interface Module | | **Channels** | 4-Channel (indicated by the "4" in the part number) | | **Input Type** | NPN or PNP compatible (usually determined by the R/N suffix) | | **Mounting** | DIN Rail Mounting | | **Terminal Type** | Screw or Push-in (depending on the specific series build) | --- ### 2. Breakdown of the Model Code While naming conventions can vary slightly by manufacturer (often associated with brands like **Wago**, **Phoenix Contact**, or regional industrial suppliers like **Woonyoung**), the nomenclature generally breaks down as follows: * **W2SP**: The series identifier (often signifies a specific wiring or socket style). * **2D**: Usually refers to the double-deck or high-density layout. * **4**: Indicates **4 Points/Channels** (it controls 4 separate circuits). * **R/N**: * **R**: Relay-based output. * **N**: NPN Logic input configuration (Common positive). --- ### 3. Key Electronic Components Inside the W2SP-2D4-R/N, you will find several critical electronic parts: #### A. Electromagnetic Relays The heart of the module. These are usually plug-in miniature relays. * **Function:** Provides electrical isolation between the control circuit and the load circuit. * **Rating:** Typically rated for 5A to 10A at 250VAC/30VDC. #### B. Protection Diodes (Freewheeling Diodes) * **Function:** Connected in parallel with the relay coil to suppress "flyback" voltage spikes when the coil is de-energized, protecting the driving PLC transistor. #### C. LED Indicators * **Function:** Visual diagnostic tool. A green or red LED lights up when a specific channel is energized, allowing technicians to verify signals at a glance. #### D. Varistors / Surge Suppressors * **Function:** Integrated into the output side to protect the relay contacts from arcing and noise when switching inductive loads (like motors or solenoids). --- ### 4. Typical Application Circuit ```mermaid graph LR A[PLC Output] --> B[W2SP Input Terminal] B --> C[Relay Coil] C --> D[Mechanical Contact] D --> E[Field Load: Motor/Valve] subgraph Module Interior C D end ``` --- ### 5. Technical Advantages 1. **Compact Design:** Replaces 4 individual relay sockets with one integrated block. 2. **Maintenance:** Most versions allow for the individual replacement of a single relay if the contacts wear out, without rewiring the whole base. 3. **Isolation:** Protects sensitive CPU/PLC components from high-voltage surges in the field.
    ✨ Follow-up Questions
    • ⤷ What is the coil voltage requirement for the W2SP-2D4-R/N (e.g.
    • ⤷ 12VDC or 24VDC)?
    • ⤷ How do I wire this module for NPN vs PNP logic?
    • ⤷ What is the maximum current rating for the relay contacts in this specific model?