Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-2D4-R2

  • AI
    The **W2SP-2D4-R2** is a specific industrial-grade automation component, typically classified as a **Signal Conditioner** or **Isolator** manufactured by companies like **M-System** (often part of the W2 series). This device is designed to accept a specific analog input and provide two independent, isolated analog outputs. --- ### ## Technical Specifications Below is a breakdown of the electronic characteristics typically associated with this model: | Feature | Specification | | :--- | :--- | | **Input Type** | DC Current or Voltage (Model dependent, usually 4-20mA or 1-5V) | | **Output 1** | 4 - 20 mA DC | | **Output 2** | 4 - 20 mA DC | | **Power Input** | 24V DC (R2 designation usually implies 24V DC power) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | --- ### ## Key Electronic Components & Functions 1. **Isolation Barrier:** The unit uses optoisolators or magnetic transformers to separate the input, output, and power circuits. This prevents ground loops and protects sensitive control equipment (like a PLC) from high-voltage surges in the field. 2. **Signal Splitter Capability:** The "2D4" designation refers to the dual-output nature. It takes one process signal and replicates it into two identical 4-20mA signals. This allows you to send the same data to a local display and a remote DCS simultaneously. 3. **Power Regulation:** The "R2" suffix indicates the power supply requirement. It is designed to run on a stable 24V DC bus, common in industrial control panels. Internal regulators ensure that fluctuations in the 24V line do not affect the accuracy of the 4-20mA outputs. 4. **Zero/Span Adjustment:** The face of the module typically features multi-turn potentiometers. These allow fine-tuning of the electronic calibration to ensure that 4mA in exactly equals 4mA out. --- ### ## Wiring Diagram (Simplified) ```text [ Terminal ] [ Function ] 1 - 2 Output 1 (+) / (-) 3 - 4 Output 2 (+) / (-) 5 - 6 Input (+) / (-) 7 - 8 Power Supply 24V DC (+) / (-) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance supported by the 4-20mA outputs?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this module?
    • ⤷ Can the input signal type be changed from current to voltage via internal jumpers?