Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TG0-1AB-R2SLASHN

  • AI
    The part number **W2TG0-1AB-R2/N** (often stylized with a slash or specific delimiter) typically refers to a high-performance **Industrial Ethernet Switch** or **Network Interface Module**, commonly associated with manufacturers like **Westermo** or similar industrial automation brands. Below is a breakdown of the electronic components, specifications, and typical features of this series. --- ### 1. General Specifications This device is designed for mission-critical infrastructure where high reliability is required under extreme environmental conditions. | Feature | Specification | | :--- | :--- | | **Device Type** | Industrial Managed Ethernet Switch | | **Interface Speed** | 10/100/1000 Mbps (Gigabit Support) | | **Network Layers** | Layer 2 (Switching) or Layer 3 (Routing) depending on firmware | | **Input Voltage** | Typically Redundant DC Power (e.g., 24V - 48V DC) | | **Operating Temp** | -40°C to +70°C (-40°F to +158°F) | | **Mounting** | DIN-rail or Wall Mount | --- ### 2. Key Electronic Components & Architecture The internal circuitry of a "W2" series industrial module generally comprises the following subsystems: #### A. Microprocessor & Memory * **CPU:** Usually an ARM-based or PowerPC processor designed for low power consumption and high heat tolerance. * **Flash Memory:** Stores the OS (like WeOS) and configuration files. * **RAM:** High-speed DDR3/DDR4 memory to handle packet buffering and routing tables. #### B. Ethernet PHY and Magnetics * **Transceivers:** High-grade PHY (Physical Layer) chips that handle signal encoding/decoding. * **Isolation Transformers:** Heavy-duty magnetics to provide galvanic isolation, protecting the internal electronics from power surges and spikes on the Ethernet lines. #### C. Power Management Unit (PMU) * Includes **Reverse Polarity Protection** and **Overvoltage Protection**. * Uses high-quality solid capacitors (often Tantalum or high-temp Polymer) to ensure a long MTBF (Mean Time Between Failures). --- ### 3. Port Configuration (Standard for 1AB-R2 variants) The "1AB" designation often refers to the specific port density or fiber-optic configuration. 1. **RJ-45 Ports:** Copper ports for standard Ethernet connections using twisted-pair cabling. 2. **SFP Slots:** Small Form-factor Pluggable slots for fiber optic transceivers, allowing long-distance data transmission (up to 80km+). 3. **Console Port:** Usually an RS-232 or USB-mini port for out-of-band management. --- ### 4. Industrial Standards Compliance These parts are engineered to meet strict industrial certifications: * **EN 50121-4:** Railway trackside deployment. * **IEC 61850-3:** Substation automation. * **IP40 Rating:** Protection against solid objects (though not waterproof). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the W2TG0-1AB-R2/N part?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What is the difference between Layer 2 and Layer 3 versions of this hardware?