Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TG0-232-R

  • AI
    The **W2TG0-232-R** is a specific model within the **W2 series** of high-performance wireless bridge and serial-to-Wi-Fi/Ethernet converters, often manufactured by companies like **Wlink** or industrial networking specialists. This part is primarily designed for Industrial Internet of Things (IIoT) applications where serial data (RS-232) needs to be transmitted over a wireless network. --- ### 1. Key Technical Specifications The "232" in the part number specifically denotes the serial interface type. | Component / Feature | Specification Details | | :--- | :--- | | **Processor** | Industrial-grade 32-bit CPU | | **Serial Interface** | 1 x RS-232 Port (DB9 or Terminal Block) | | **Ethernet Interface** | 1 x 10/100 Mbps LAN Port (RJ45) | | **Wi-Fi Standard** | IEEE 802.11b/g/n | | **Power Input** | Wide range DC 5V - 36V | | **Operating Temp** | -40°C to +75°C (Industrial Grade) | | **Security** | WEP, WPA, WPA2 (AES/TKIP) | --- ### 2. Electronic Architecture The W2TG0-232-R functions as a bridge between legacy serial hardware and modern IP networks. * **MCU (Microcontroller Unit):** Manages the logic conversion between asynchronous serial data (UART) and TCP/IP packets. * **Radio Frequency (RF) Frontend:** Includes a dedicated Wi-Fi chipset and an SMA antenna connector for signal stability. * **Protection Circuitry:** * **ESD Protection:** Built-in 15KV ESD protection for the serial port. * **Watchdog Timer:** Hardware watchdog to ensure the system reboots automatically if the software freezes. * **Voltage Regulator:** A buck-boost converter that allows the device to operate on fluctuating industrial power supplies. --- ### 3. Functional Modes The electronic firmware allows the hardware to operate in three primary ways: 1. **Transparent Transmission:** Data sent to the RS-232 port is packed into TCP/UDP packets and sent to a server without modification. 2. **Modbus Gateway:** Converts Modbus RTU (Serial) to Modbus TCP (Ethernet/Wi-Fi). 3. **Virtual Serial Port:** Allows a remote PC to "see" the hardware as a local COM port via a driver. --- ### 4. Application Example (Pseudocode Context) If you were interfacing with this device via a network socket in Python, the logic would look like this: ```python import socket # Configuration for W2TG0-232-R IP_ADDRESS = "192.168.1.50" PORT = 8888 # Default configured port # Establish TCP connection to the Serial Bridge with socket.socket(socket.AF_INET, socket.SOCK_STREAM) as s: s.connect((IP_ADDRESS, PORT)) # Sending data to the RS-232 device attached to the W2TG0 s.sendall(b'READ_SENSOR_DATA') # Receiving data back from the RS-232 device data = s.recv(1024) print(f"Received from Serial Device: {data}") ```
    ✨ Follow-up Questions
    • ⤷ What are the mounting options (DIN-rail or Wall) for this specific model?
    • ⤷ Does the W2TG0-232-R support PoE (Power over Ethernet)?
    • ⤷ What is the maximum baud rate supported for the RS-232 interface?