Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TG0-232-R2

  • AI
    The **W2TG0-232-R2** is a specialized industrial communication module, typically used in automated systems to facilitate RS-232 serial communication. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is generally classified as a **Serial Communication Gateway or Interface Module**. It acts as a bridge between a controller (like a PLC or PC) and peripheral devices that utilize the RS-232 protocol. ### 2. Technical Specifications The following table highlights the core electronic parameters of the module: | Parameter | Specification | | :--- | :--- | | **Model** | W2TG0-232-R2 | | **Interface Type** | RS-232C | | **Communication Speed** | Up to 115.2 kbps (Standard) | | **Operating Voltage** | Typically 24V DC (Industrial standard) | | **Isolation** | Often features Galvanic Isolation to protect circuitry | | **Connector Type** | D-Sub 9-pin or Terminal Block (depending on housing) | ### 3. Key Electronic Components Internally, the W2TG0-232-R2 consists of several critical stages: * **Transceiver IC:** Converts TTL logic levels from the internal processor to the higher voltage levels (+/- 12V) required by the RS-232 standard. * **Optocouplers:** Provide electrical isolation between the communication lines and the main logic board to prevent damage from ground loops or surges. * **Voltage Regulators:** Convert the incoming 24V DC supply down to 5V or 3.3V for the internal microchips. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes to guard against Electrostatic Discharge (ESD). ### 4. Implementation Example To interface with the module using a script (for example, via Python), you would typically address it through a COM port: ```python import serial # Configure the serial connection for W2TG0-232-R2 ser = serial.Serial( port='COM1', baudrate=9600, timeout=1, parity=serial.PARITY_NONE, stopbits=serial.STOPBITS_ONE, bytesize=serial.EIGHTBITS ) # Send data to the device ser.write(b'HELLO_W2TG0') ser.close() ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout configuration for the RS-232 connector on this module?
    • ⤷ Is the W2TG0-232-R2 compatible with RS-485 conversion?
    • ⤷ What are the recommended environmental operating temperatures for this part?