Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TG0-2DB-R2

  • AI
    The **W2TG0-2DB-R2** is a specific electronic sub-assembly, typically associated with high-performance networking equipment or industrial power distribution units (PDUs). It serves as a power management or connectivity interface module. --- ### 1. Component Overview Below is a summary of the technical specifications and functional role of this part. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Associated with networking hardware (often used in data centers) | | **Module Type** | Interface Board / Power Distribution Sub-module | | **Connectivity** | High-density pin connectors for internal bus communication | | **Common Application** | Server racks, telecommunications switches, or modular power units | | **Key Revision** | R2 (Indicates the second hardware revision for improved stability/efficiency) | --- ### 2. Functional Electronic Parts The module contains several critical electronic layers that allow it to function within a larger system: #### A. Power Regulation Circuitry * **Voltage Regulators:** Converts the main input voltage to lower levels (e.g., 12V to 3.3V or 5V) to power onboard logic chips. * **Capacitors:** Electrolytic and ceramic capacitors are used for filtering noise and ensuring steady voltage delivery. #### B. Signal Integrity & Logic * **Microcontrollers/ASICs:** Many "R2" revisions include updated logic controllers to manage power sequencing and communication with the main CPU. * **EEPROM:** A small memory chip that stores identifying information, serial numbers, and configuration settings for the hardware. #### C. Physical Interfaces * **Multi-pin Headers:** Designed for high-current throughput to ensure low resistance between the module and the backplane. * **Mounting Points:** Grounded screw holes to ensure the PCB is properly bonded to the chassis for EMI (Electromagnetic Interference) shielding. --- ### 3. Usage Context This part is generally not a consumer-facing component but a **Field Replaceable Unit (FRU)**. 1. **Redundancy:** Used in systems where constant uptime is required. 2. **Modular Design:** Allows technicians to replace a faulty power/interface section without replacing the entire server or switch. 3. **Heat Dissipation:** Often features high-copper-content PCB traces to handle heat generated during high-load power delivery. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical symptoms of failure for the W2TG0-2DB-R2 module?
    • ⤷ Is this module compatible with older R1 versions of the same hardware?
    • ⤷ Does this part require specific firmware updates after installation?