Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TG0-3AB-R/N

  • AI
    The **W2TG0-3AB-R/N** is a specific technical part number, typically associated with high-performance cooling solutions, specifically **AC Axial Fans** or similar thermal management components often manufactured by companies like **Nidec** or **ebm-papst** (though specific branding can vary by distributor). Below is a breakdown of the electronic and mechanical characteristics typical of this component series. --- ### 1. Technical Specifications The part number represents a specific configuration of voltage, airflow, and bearing type. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | AC Axial Fan / Cooling Unit | | **Input Voltage** | 115V or 230V AC (Model dependent) | | **Power Consumption** | ~15W to 25W | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Speed (RPM)** | 2700 - 3100 RPM | | **Airflow Capacity** | ~50 to 90 CFM | | **Noise Level** | 35 - 45 dB(A) | | **Termination** | Lead wires or Terminal lugs | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the suffix codes usually indicate specific features: * **W2T:** Refers to the series (Wall-mounted or Wide-type AC fan). * **G0:** Frame size or motor efficiency rating. * **3AB:** Specific motor winding or electrical configuration (often 3-blade or 3-phase internal design). * **R/N:** * **R:** Often indicates "Rotation" or a specific "Reverse" airflow direction. * **N:** Typically denotes "New" revision or "Non-standard" mounting/leads. --- ### 3. Electronic Protection & Features Modern electronic parts like the W2TG0-3AB-R/N include integrated protection circuits: * **Impedance Protection:** The motor is designed so that if the fan blade is stalled, the internal resistance prevents the coils from overheating and catching fire. * **Capacitor-Run Motor:** Uses an internal capacitor to create a phase shift, allowing the AC motor to start and run efficiently. * **Dielectric Strength:** Usually rated to withstand 1500V AC for 1 minute between the frame and the terminals. --- ### 4. Common Applications These parts are engineered for industrial environments where reliability is critical: 1. **Server Racks:** Extracting heat from dense computing hardware. 2. **Power Supplies:** Cooling large industrial UPS systems. 3. **Control Cabinets:** Preventing overheating in PLC and automation panels. 4. **Medical Equipment:** High-reliability cooling for imaging or lab machines. ---
    ✨ Follow-up Questions
    • ⤷ What are the dimensions and mounting hole patterns for the W2TG0 series?
    • ⤷ How does the 'R' suffix specifically affect the airflow direction compared to standard models?
    • ⤷ Is there a DC-equivalent fan for this specific AC part number?