Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TG0-3CB-R2

  • AI
    The **W2TG0-3CB-R2** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor Network** or a specific **Precision Resistor** variant manufactured by companies like Vishay (under the Dale or Thin Film brands). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for applications requiring high stability, low noise, and precise resistance values. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor / Network | | **Material** | Tantalum Nitride (TaN) or Nichrome | | **Tolerance** | Usually ±0.1% to ±1.0% | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±100 ppm/°C | | **Operating Temperature** | -55°C to +125°C (or higher) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Electronic Attributes #### A. Thin Film Technology Unlike "Thick Film" resistors, this part uses **Thin Film** deposition. This provides: * **Lower Noise:** Essential for high-fidelity audio or sensitive measurement circuits. * **Tighter Tolerance:** Allows for much more accurate resistance values. * **Better Stability:** The resistance remains constant even after long periods of operation or exposure to moisture. #### B. Tantalum Nitride (TaN) Self-Passivation The "W" series often utilizes Tantalum Nitride. This material is "moisture proof." When exposed to humidity, it forms a protective oxide layer that prevents the resistor from corroding, a common failure point in standard resistors. #### C. Power Rating and Voltage * **Power Dissipation:** Designed for low-power signal conditioning (typically 100mW to 250mW depending on the specific package size). * **Voltage Rating:** Usually rated for 75V to 200V maximum working voltage. --- ### 3. Application Use Cases Due to its precision and reliability, the W2TG0-3CB-R2 is commonly found in: 1. **Instrumentation:** Bridge circuits and gain-setting for operational amplifiers. 2. **Military & Aerospace:** Where environmental ruggedness (moisture resistance) is mandatory. 3. **Medical Electronics:** Critical monitoring equipment requiring long-term calibration stability. 4. **Telecommunications:** Signal processing and base station equipment. --- ### 4. Part Number Decoder (General Breakdown) While specific to the manufacturer's internal catalog, the suffix codes usually represent: * **W2:** Series identifier (Thin Film). * **TG0:** Package size or TCR (Temperature Coefficient) code. * **3CB:** Resistance value code (using the multiplier system) and Tolerance. * **R2:** Packaging style (e.g., Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the 3CB code in this series?
    • ⤷ How does Thin Film technology compare to Thick Film in terms of cost and performance?
    • ⤷ What are the recommended soldering profiles for this SMT component?