Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TG0-3D2-R

  • AI
    The **W2TG0-3D2-R** is a specific variant of a thermal management component, typically identified as a **high-performance DC Axial Fan** (often associated with manufacturers like Nidec or Sanyo Denki, commonly used in server and industrial applications). Below is the breakdown of its electronic parts, technical specifications, and internal components. --- ## 1. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Voltage** | 12V DC (Nominal) | | **Operating Voltage Range** | 7V to 13.2V | | **Current Rating** | ~1.5A to 2.5A (High Power) | | **Input Power** | 18W - 30W (Depending on specific load) | | **Speed (RPM)** | High Speed (approx. 5000 - 8000 RPM) | | **Airflow** | High CFM (Cubic Feet per Minute) | | **Termination** | 4-Wire (PWM Control + Tachometer) | --- ## 2. Key Electronic Components The "3D2-R" suffix typically refers to a high-density blade design and a specific PCB controller configuration. ### A. The Brushless DC (BLDC) Motor * **Stator:** Consists of copper windings (coils) that create an electromagnetic field. * **Rotor:** Features a permanent magnet (usually Neodymium or Ferrite) attached to the fan blades. * **Commutation:** Electronic commutation replaces physical brushes, reducing wear and electrical noise. ### B. The Integrated Circuit (IC) Controller The PCB inside the fan houses a motor driver IC that handles: 1. **Phase Switching:** Correctly timing the electricity sent to the stator coils. 2. **Soft Start:** Prevents a massive current spike when the fan first powers on. 3. **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the coils from melting. ### C. 4-Wire Interface Electronics The fan utilizes four distinct electrical lines: 1. **VCC (+12V):** Main power supply. 2. **GND (0V):** Ground return. 3. **Tachometer (FG Signal):** Outputs a square wave frequency proportional to the fan speed, allowing the system to monitor if the fan is spinning. 4. **PWM (Pulse Width Modulation):** Accepts a 25kHz signal to control the speed of the motor without changing the input voltage. --- ## 3. Physical & Mechanical Construction * **Bearing System:** Usually Dual Ball Bearings for a long MTBF (Mean Time Between Failure), suitable for 24/7 operation. * **Housing Material:** UL94V-0 reinforced plastic or aluminum alloy for heat dissipation. * **Protection:** Integrated Polarity Protection (prevents damage if +/- are reversed). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 4-wire connector on this fan?
    • ⤷ Can this fan be used with a standard 3-pin motherboard header?
    • ⤷ What is the specific CFM rating for the W2TG0-3D2-R?