Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-013-R/N

  • AI
    The **W2TS-013-R/N** is a specialized electronic component, typically categorized as a **Terminal Block Connector** or **Interface Module**, often used in industrial automation and control systems. These parts are designed to bridge the gap between field wiring and sensitive electronic control units like PLCs (Programmable Logic Controllers). ### 1. Key Technical Specifications The "R/N" suffix usually indicates a specific configuration regarding the relay logic or terminal layout (often representing **Relay/Negative** commonality). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Relay Terminal Block / Interface Module | | **Number of Points** | 13-Pin/Channel configuration | | **Mounting Type** | DIN Rail (35mm) | | **Input Voltage** | Typically 24V DC | | **Terminal Pitch** | 5.0mm or 7.0mm (standard industrial) | | **Connection Method** | Screw terminal or Spring-clamp | --- ### 2. Functional Breakdown The electronic architecture of the W2TS-013-R/N focuses on three main areas: #### A. Signal Isolation The module acts as a physical and electrical buffer. If a surge occurs in the field (at the machine level), the W2TS-013 prevents that high voltage from traveling back to the expensive CPU/PLC. #### B. Wiring Organization * **W:** Often denotes a "Wiring" or "Wing" style compact design. * **013:** Refers to the density of the connections (13 paths/pins). * **Terminal Interface:** It converts high-density connectors (like ribbon cables or D-Sub) into individual screw terminals for easy maintenance. #### C. Commonality (The R/N Suffix) * **N (NPN/Negative):** Indicates that the common line for the relays or signals is the Negative pole. * **R (Relay/Resistance):** Suggests the inclusion of integrated relay switching or specific pull-up/pull-down resistors to stabilize signal noise. --- ### 3. Common Applications These modules are found in environments requiring high reliability and organized cabinet wiring: 1. **CNC Machines:** To distribute signals from the controller to various sensors. 2. **PLC I/O Expansion:** Simplifying the connection of 13 separate inputs/outputs. 3. **Sensor Hubs:** Consolidating power and signal wires from multiple field sensors into a single cable. --- ### 4. Implementation Example If you are integrating this into a circuit, the wiring logic generally follows this pattern: ```yaml Pin 1-13: Field Device Signals (Sensors/Actuators) Pin COM: Common Ground (N-type) or Power (P-type) Connector: High-density interface to the Controller ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R/N and R/P versions of this module?
    • ⤷ Can the W2TS-013 handle AC voltage signals or is it DC only?
    • ⤷ What specific cable type is required to connect the W2TS-013 to a PLC?