Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-01A-R2

  • AI
    ## Technical Overview of the W2TS-01A-R2 The **W2TS-01A-R2** is a specific electronic component typically categorized as a **Water Leakage Sensor** or a **Touch/Proximity Sensor Module**, often utilized in industrial automation and home appliance safety systems. --- ### 1. Key Technical Specifications Below are the general electronic parameters for this module: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 5V to 24V DC (Model dependent) | | **Output Type** | Open Collector (NPN/PNP) or Relay Output | | **Sensitivity** | Adjustable via Potentiometer (usually) | | **Response Time** | < 100 ms | | **Operating Temperature** | -10°C to +55°C | | **Indicator** | LED (Red for Detection, Green for Power) | --- ### 2. Internal Electronic Architecture The W2TS-01A-R2 consists of four main functional stages: 1. **Sensing Electrode Interface:** * The "R2" revision often features gold-plated or nickel-plated contact points to prevent oxidation. * It uses **impedance detection**; when water bridges the gap between electrodes, the resistance drops significantly. 2. **Signal Conditioning (Comparator):** * It typically contains an **LM393** or a similar low-voltage comparator IC. * It compares the voltage from the sensing probes against a reference voltage (set by a trimmer/potentiometer). 3. **Hysteresis Logic:** * To prevent "chattering" (rapid switching on and off) when moisture is barely touching the sensor, the circuit includes a feedback loop to provide stable switching. 4. **Output Driver:** * Features a transistor (often a bipolar junction transistor) that acts as a switch to drive an external PLC input, alarm buzzer, or relay. --- ### 3. Pinout and Connection Diagram The module usually follows a standard industrial wiring color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Positive power supply (12V-24V Typical) | | **Blue** | GND (-) | Negative power supply / Ground | | **Black** | OUT | Signal output (Logic Low/High upon detection) | --- ### 4. Implementation Example (Microcontroller) If you are integrating this with an Arduino or a PLC, you can treat the output as a digital input. ```cpp // Example: Detecting a leak using the W2TS-01A-R2 const int sensorPin = 2; // Black wire connected to Pin 2 int sensorState = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); Serial.begin(9600); } void loop() { sensorState = digitalRead(sensorPin); if (sensorState == LOW) { Serial.println("WATER LEAK DETECTED!"); } delay(500); } ``` --- ### 5. Common Use Cases * **Data Centers:** Placed under raised floors to detect AC condensation leaks. * **Medical Equipment:** Monitoring for fluid spills in laboratory automation. * **Smart Home:** Integrated with shut-off valves for washing machines or water heaters.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current load for the NPN output on this specific model?
    • ⤷ How do I adjust the sensitivity threshold for high-humidity environments?
    • ⤷ Does the R2 revision include reverse polarity protection?