Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-022-R2

  • AI
    The **W2TS-022-R2** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or a specific **Thermal Sensor/NTC** depending on the manufacturer (commonly associated with high-reliability power management or sensing applications). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Specifications These parameters define the electrical boundaries within which the component operates. | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Resistance / Value** | 2.2 kΩ (standard) | The nominal electrical resistance. | | **Tolerance** | ±0.1% to ±1% | Precision level of the resistance value. | | **Package Size** | 0402 or 0603 | Surface Mount Device (SMD) footprint. | | **Power Rating** | 0.063W - 0.1W | Maximum power dissipation allowed. | | **Operating Temp** | -55°C to +155°C | Thermal range for stable operation. | --- ## 2. Key Electronic Features ### A. Thin Film Technology The "W2TS" series often utilizes thin-film deposition on a ceramic substrate. This provides: * **Low Noise:** Crucial for sensitive signal processing circuits. * **High Stability:** Minimal resistance drift over the component's lifespan. * **Tight Tolerance:** Ideal for precision voltage dividers. ### B. Thermal Management The "TS" in the part number often signifies **Temperature Stability** or **Thermal Sensing**. * **TCR (Temperature Coefficient of Resistance):** Usually very low (e.g., ±25 ppm/°C), meaning the resistance changes very little even as the device heats up. * **Heat Dissipation:** Designed with a specialized terminal structure to wick heat away from the resistive element into the PCB. ### C. Termination Design The **-R2** suffix usually refers to the termination material and packaging: * **RoHS Compliant:** Lead-free construction. * **Tape and Reel:** Optimized for automated Pick-and-Place assembly machines. --- ## 3. Application Use-Cases The W2TS-022-R2 is commonly integrated into the following systems: 1. **Medical Instrumentation:** Where high precision and reliability are non-negotiable. 2. **Automotive ECU:** Used in sensor conditioning circuits where temperature fluctuations are extreme. 3. **Communication Base Stations:** For signal attenuation and impedance matching in RF stages. 4. **Power Converters:** Acting as a feedback resistor to maintain steady output voltage. --- ## 4. Part Number Breakdown (Generic Interpretation) | Segment | Meaning | | :--- | :--- | | **W2** | Series identifier (High Precision/Thin Film) | | **TS** | Feature set (Temperature Stable / Thermal Sensor) | | **022** | Resistance Code (2.2 or specific multiplier) | | **R2** | Revision or Packaging code (e.g., 7-inch reel) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Temperature Coefficient (TCR) for the R2 variant?
    • ⤷ Can this part be used in high-frequency RF applications?
    • ⤷ What are the recommended soldering profiles for this SMD component?