Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-0AB-R/CE

  • AI
    The **W2TS-0AB-R/CE** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Crystal Oscillator** or a high-precision frequency control device. These parts are essential for providing a stable clock signal to microprocessors and digital circuits. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal / TCXO (Temperature Compensated) | | **Mounting Type** | SMD (Surface Mount Device) | | **Frequency Stability** | High (typically ±0.5ppm to ±2.0ppm) | | **Operating Voltage** | Usually 1.8V to 3.3V DC | | **Package Size** | Miniature (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm) | | **Compliance** | RoHS / CE (Conformité Européenne) | --- ### 2. Deep Dive into Electronic Components #### A. The Quartz Crystal Element The heart of the device is a chemically etched quartz wafer. When an electric field is applied (Piezoelectric effect), it vibrates at a specific resonant frequency. The "W2TS" series often indicates a focus on low-power consumption and small footprint. #### B. Temperature Compensation (The "T" in W2TS) Unlike standard crystals, these parts often include a compensation circuit (TCXO). This circuit adjusts the frequency output based on ambient temperature changes, ensuring the "clock" doesn't drift when the device gets hot or cold. #### C. Termination and Materials * **Gold Plating:** The pads on the bottom are typically gold-plated to prevent oxidation and ensure reliable soldering. * **Ceramic Housing:** The internal electronic components are housed in a seam-sealed ceramic package to protect the vacuum-sealed crystal from humidity and physical shock. --- ### 3. Application Areas This specific part is frequently found in: * **Wireless Communication:** GPS modules, Bluetooth Low Energy (BLE), and Wi-Fi chipsets. * **IoT Devices:** Battery-operated sensors requiring low-power, high-accuracy timing. * **Wearables:** Smartwatches and fitness trackers where space is at a premium. --- ### 4. Suffix Decoding * **-R:** Generally indicates "Tape & Reel" packaging for automated pick-and-place assembly. * **-CE:** Represents compliance with European safety, health, and environmental protection requirements.
    ✨ Follow-up Questions
    • ⤷ What is the exact nominal frequency of this specific part number?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q200 standards?
    • ⤷ What are the pin-out configurations for the W2TS series?