Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-0AC-R/N

  • AI
    The **W2TS-0AC-R/N** belongs to the **W2TS Series** of thermal management components, specifically categorized as a **Thermal Switch** or **Thermostat**. These devices are engineered to open or close an electrical circuit based on temperature fluctuations to prevent overheating in sensitive electronic equipment. --- ### 1. Key Technical Specifications The "R/N" suffix typically refers to specific mounting or lead wire configurations. Below is a breakdown of the standard specifications for this series: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Bimetallic Thermal Switch | | **Contact Type** | Normally Closed (NC) - Opens on Temp Rise | | **Operating Temp Range** | Typically 50°C to 150°C (depending on specific sub-model) | | **Voltage Rating** | 125V AC / 250V AC | | **Current Rating** | 5A to 10A (Resistive Load) | | **Dielectric Strength** | 1500V AC for 1 minute | | **Insulation Resistance** | >100 MΩ | --- ### 2. Functional Characteristics The W2TS series operates using a **Snap-Action** mechanism. Unlike slow-moving creep switches, snap-action switches provide: * **Minimal Arcing:** Rapid contact separation reduces electrical noise and wear. * **Reliability:** High resistance to vibration and shock. * **Automatic Reset:** Once the temperature drops below a specific "differential" (reset temperature), the contacts close again to resume normal operation. --- ### 3. Construction and Materials The device is built to withstand harsh industrial environments: * **Housing:** High-temperature thermoset plastic or ceramic, providing excellent electrical insulation. * **Bimetal Disc:** The heart of the unit; it consists of two bonded metals with different expansion coefficients that "snap" at a set temperature. * **Terminals:** Silver alloy contacts for high conductivity and oxidation resistance. --- ### 4. Common Applications The W2TS-0AC series is widely integrated into the following systems: 1. **Power Supplies:** Protecting transformers and MOSFETs from thermal runaway. 2. **Home Appliances:** Used in coffee makers, heaters, and dryers as a safety cutoff. 3. **Industrial Motors:** Monitoring winding temperatures to prevent insulation failure. 4. **Automotive:** Overheat protection for auxiliary cooling fans or battery management systems (BMS). --- ### 5. Circuit Integration Example To use this in a protective circuit, you would typically wire it in series with the load or the control coil of a relay. ```python # Simple Logic Representation def system_operation(current_temp, set_point): # W2TS-0AC is Normally Closed (NC) switch_closed = True if current_temp >= set_point: switch_closed = False # Bimetal snaps open return "CRITICAL: Power Cut to Load" else: switch_closed = True return "SAFE: System Running" ```
    ✨ Follow-up Questions
    • ⤷ What is the exact trip temperature for the '0AC' variant?
    • ⤷ Is the W2TS-0AC-R/N UL or RoHS certified?
    • ⤷ What is the difference between the 'R' and 'N' suffix in the model number?