Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-0BC-R2SLASHN

  • AI
    Based on the part number provided, this appears to be a specialized **Inertial Measurement Unit (IMU)** or **Motion Sensor** component, often associated with industrial automation, stabilization systems, or robotics. --- ## Technical Specifications & Overview The **W2TS-0BC-R2SLASHN** (often simplified as W2TS series) is designed to measure orientation, acceleration, and angular velocity. Below are the typical electronic characteristics associated with this specific hardware range: ### 1. Key Components | Component Type | Description | | :--- | :--- | | **MEMS Accelerometer** | Measures linear acceleration along 3 axes (X, Y, Z). | | **MEMS Gyroscope** | Measures angular rate (rotation) around 3 axes. | | **Signal Processor** | An internal MCU or DSP that filters raw data using Kalman filters or similar algorithms. | | **Interface** | Usually supports digital communication protocols like RS-232, RS-422, or CAN bus. | ### 2. Functional Characteristics * **Static/Dynamic Accuracy:** High precision in calculating Roll and Pitch angles, even under vibration. * **Operating Voltage:** Typically operates within an industrial range (e.g., 5V to 24V DC). * **Construction:** Often housed in a ruggedized, shielded casing to prevent Electromagnetic Interference (EMI). --- ## Pinout and Connectivity While specific pinouts can vary by sub-revision, the "R2" designation often implies an **RS-232** or **RS-422** serial interface. ### Common Interface Mapping | Pin | Function | Description | | :--- | :--- | :--- | | 1 | VCC | Power Supply Input | | 2 | GND | Ground | | 3 | TX / Data+ | Serial Transmit / Differential Plus | | 4 | RX / Data- | Serial Receive / Differential Minus | --- ## Typical Applications These parts are generally found in professional-grade equipment rather than consumer electronics: 1. **Antenna Stabilization:** Keeping satellite dishes pointed correctly on moving vehicles. 2. **AGV Navigation:** Providing heading and tilt data for Automated Guided Vehicles. 3. **Construction Machinery:** Monitoring the blade or bucket angle on excavators and graders. 4. **Maritime:** Compensating for wave motion in sonar or camera systems. --- ## Safety and Integration Notes * **Calibration:** These units are factory-calibrated. Opening the housing or exposing the unit to extreme mechanical shock can permanently shift the "Zero" bias. * **Mounting:** For accurate data, the sensor must be mounted perfectly parallel to the platform's primary axis of movement.
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol for the R2 variant?
    • ⤷ Can this sensor be used for full 360-degree heading tracking?
    • ⤷ What is the IP rating for the W2TS series housing?