Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-113-R/N

  • AI
    The **W2TS-113-R/N** is a specialized electronic component, typically categorized as a **terminal block** or **interface module** used in industrial automation and electrical control panels. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The "R/N" designation often refers to the internal wiring logic (Relay/Network or Commonality) or the mounting orientation. | Feature | Specification | | :--- | :--- | | **Component Type** | Relay Terminal Block / Interface Module | | **Connection Method** | Screw Terminal or Push-in (W-Series standard) | | **Voltage Rating** | Generally 24V DC (Logic side) / 250V AC (Load side) | | **Current Rating** | 1A to 5A (Depending on integrated relay) | | **Mounting Type** | DIN Rail (TS35/TS32) | | **Wiring Density** | 1:1 or 1:N distribution | --- ## 2. Key Electronic Parts & Components The unit is composed of several critical layers that allow it to function as a bridge between high-power field devices and low-power controllers (PLCs). ### A. Terminal Connections * **Input Terminals:** Receives signals from a PLC or sensor. * **Output Terminals:** Distributes power or signals to actuators, motors, or valves. * **Materials:** High-grade copper alloy with tin plating to ensure low contact resistance and prevent oxidation. ### B. Internal Circuitry (PCB) * **Traces:** Thick copper traces designed to handle the rated current without overheating. * **Isolation:** The board provides physical and electrical isolation between the control circuit and the field circuit to protect sensitive electronics. ### C. Protection Components (Internal) * **Flyback Diodes:** Often included to suppress inductive voltage spikes when driving relay coils or motors. * **LED Indicators:** Most versions feature a status LED to indicate when the specific channel is energized. --- ## 3. Application Use Cases The W2TS-113 series is primarily used for: 1. **Signal Distribution:** Taking a single common power line and splitting it into multiple protected outputs. 2. **Space Optimization:** Reducing the wiring footprint inside a control cabinet by centralizing connections. 3. **PLC Interfacing:** Acting as a "buffer" between fragile PLC outputs and robust field wiring. --- ## 4. Wiring Diagram Concept While specific pinouts vary by manufacturer (such as Weidmüller or Dinkle), the standard layout follows this logic: ```text [PLC Output] ----> [Input Terminal (W2TS)] ----> [Internal Protection/LED] ----> [Field Device] | [Common Rail] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the W2TS-113-R/N model?
    • ⤷ Is this module compatible with both NPN and PNP sensor types?
    • ⤷ How does the 'R/N' suffix affect the wiring of the common terminal?