Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-1A3-R2

  • AI
    The **W2TS-1A3-R2** is a specialized electronic component, typically categorized as a high-frequency/high-power **RF (Radio Frequency) termination** or a **power resistor**. These parts are commonly used in telecommunications, broadcasting, and radar systems to safely dissipate signal energy. --- ### 1. Component Overview Below is a technical breakdown of the specifications and functions associated with the W2TS-1A3-R2 series. | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Termination / Thick Film Resistor | | **Primary Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) Substrate | | **Resistance Value** | Standard 50 Ohms (common for RF matching) | | **Power Rating** | High wattage (typically 100W to 250W depending on cooling) | | **Frequency Range** | DC to several GHz (optimized for low VSWR) | --- ### 2. Key Electronic Characteristics #### A. Power Dissipation The "W" in the prefix often denotes a high-wattage capability. This part is designed to convert electrical energy into heat. Because it is a "termination" (a dummy load), it is used at the end of a transmission line to prevent signal reflections that could damage a transmitter. #### B. Heat Sink Interface The suffix and physical design (often a "flanged" or "chip" style) indicate how the part handles thermal energy: * **Mounting:** It is usually bolted directly to a large heat sink. * **Substrate:** It uses high-thermal-conductivity ceramics to move heat away from the resistive element quickly. #### C. Impedance Matching For RF circuits, maintaining a constant **50-ohm impedance** is critical. The W2TS series is engineered to have very low parasitic inductance and capacitance, ensuring that the signal "sees" a pure resistance even at high frequencies. --- ### 3. Common Applications * **Isolators/Circulators:** Used as the third port termination to absorb reflected power. * **Power Dividers:** Acts as a balance resistor in Wilkinson power dividers. * **Test Equipment:** Serves as a dummy load for testing high-power radio transmitters. * **Base Stations:** Integrated into cellular infrastructure (LTE/5G) to manage signal distribution. --- ### 4. Installation Precautions ```cpp // Safety & Performance Checklist 1. Thermal Paste: Must apply a thin layer of high-quality thermal grease between the part and the heat sink. 2. Torque: Use specific torque settings for mounting screws to ensure flat contact without cracking the ceramic. 3. Soldering: Use lead-free or SN63 solder as per datasheet to ensure low-resistance electrical contact. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the W2TS series?
    • ⤷ How does BeO substrate differ from AlN in these components?
    • ⤷ What are the specific mounting torque requirements for the R2 package?