Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-1BB-R2

  • AI
    The **W2TS-1BB-R2** is a specialized electronic component, typically categorized as a high-precision, low-profile **Tactile Switch** or a specific type of **Micro-Switch** used in surface-mount technology (SMT) applications. --- ### ## Technical Specifications Overview Below is a breakdown of the typical electronic and mechanical characteristics associated with this part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch / Push Button | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Normally Open) | | **Contact Rating** | Typically 12V DC, 50mA | | **Operating Force** | ~1.6N to 2.5N (Model dependent) | | **Operating Life** | 100,000 to 500,000 cycles | --- ### ### Key Electronic Components & Materials 1. **Contact Dome (The Heart):** * Made of stainless steel or phosphor bronze with gold or silver plating. * It provides the "click" feel (tactile feedback) and completes the electrical circuit when depressed. 2. **Base (Housing):** * Constructed from high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. 3. **Terminals:** * Lead-frame style terminals designed for high-density PCB layouts. Often feature silver or gold flash to prevent oxidation and ensure low contact resistance. 4. **Actuator (Button):** * The physical interface that the user presses. In the "1BB" variant, this usually refers to a specific height or color coding for the stem. --- ### ### Typical Application Use-Cases The W2TS series is designed for miniaturized electronics where space is at a premium: * **Consumer Electronics:** Power buttons on smartphones, volume rockers, or Bluetooth headsets. * **Wearables:** Smartwatches and fitness trackers (due to the low profile). * **Medical Devices:** Portable diagnostic tools requiring reliable momentary input. * **Industrial:** Reset switches on embedded PCB modules. --- ### ### Physical Configuration * **"R2" Suffix:** This usually indicates the packaging format, specifically **Tape & Reel** (2,000 or 3,000 pieces per reel), which is optimized for automated pick-and-place assembly machines. * **Form Factor:** Very small footprint, often measuring in the range of 3mm x 2mm or 4mm x 4mm depending on the specific sub-series.
    ✨ Follow-up Questions
    • ⤷What is the exact footprint dimensions for the W2TS-1BB-R2?
    • ⤷ Is this switch rated for IP67 water resistance?
    • ⤷ What is the maximum reflow soldering temperature for this component?