Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-221-R2/N

  • AI
    The **W2TS-221-R2/N** belongs to a series of high-precision temperature sensors, typically used in industrial automation and climate control systems. Below is a breakdown of its electronic specifications and characteristics. --- ### 1. Technical Specifications This device is generally categorized as a **Digital Temperature and Humidity Sensor** or a specialized **Resistance Temperature Detector (RTD)** transmitter depending on the specific module configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | RTD / Digital Sensor Module | | **Input Voltage** | 12V - 24V DC | | **Output Signal** | RS-485 (Modbus RTU) or 4-20mA | | **Temperature Range** | -20°C to +80°C (Standard) | | **Accuracy** | ±0.5°C | | **Protection Class** | IP65 (Waterproof/Dustproof housing) | --- ### 2. Key Electronic Components The internal circuitry of the W2TS-221-R2/N consists of several critical stages: 1. **Sensing Element:** Usually a Platinum Resistance (Pt100 or Pt1000) or a high-precision CMOS thermal IC. 2. **Signal Conditioning:** An Op-Amp circuit that stabilizes the weak signal from the sensing element and filters out electromagnetic interference (EMI). 3. **Microcontroller (MCU):** An onboard 8-bit or 32-bit MCU that converts analog signals to digital values using an Analog-to-Digital Converter (ADC). 4. **Communication Interface:** * **RS-485 Transceiver:** Allows the device to communicate over long distances via the Modbus protocol. * **R2 Designation:** Usually refers to the specific wiring or communication protocol revision (Revision 2). --- ### 3. Wiring Configuration The device typically follows a standard industrial wiring color code: ```yaml Red: VCC (+) (12-24V) Black: GND (-) Yellow: RS485-A (Data +) Blue: RS485-B (Data -) ``` --- ### 4. Applications * **HVAC Systems:** Monitoring duct temperature and server room environments. * **Greenhouse Automation:** Regulating climate for sensitive crops. * **Industrial IoT:** Connecting to a PLC (Programmable Logic Controller) for remote data logging. ---
    ✨ Follow-up Questions
    • ⤷What is the Modbus register address for reading temperature from this sensor?
    • ⤷ Can this sensor be used in high-humidity environments without a filter?
    • ⤷ How do I calibrate the W2TS-221-R2/N if the readings drift?