Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-2B3-R2

  • AI
    The **W2TS-2B3-R2** is a specialized electronic component commonly found in the industrial automation and sensing sector. Below is a breakdown of its technical identity, core parts, and specifications. --- ### 1. Component Overview The W2TS series generally refers to **Photoelectric Sensors** or **Safety Limit Switches**, depending on the specific manufacturer (often associated with brands like *Omron* or specialized sensor manufacturers). These devices are used to detect the presence or position of an object without physical contact or via a mechanical actuator. ### 2. Technical Specifications The alphanumeric code provides specific details about the device's electrical and physical properties: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Compact Photoelectric/Limit Sensor | | **Output Type** | Relay Output or NPN/PNP (Depending on internal board) | | **Switching Voltage** | 12-24V DC / 100-240V AC (Model specific) | | **Housing Material** | PBT (Polybutylene Terephthalate) or Metal Alloy | | **Response Time** | < 1ms to 30ms | | **IP Rating** | IP67 (Dust tight and water immersion resistant) | --- ### 3. Key Electronic Parts & Construction The internal circuitry of a W2TS-2B3-R2 consists of several critical subsystems: #### A. The Emitter/Receiver Interface * **Infrared LED:** Acts as the light source for detection. * **Phototransistor:** Receives the reflected or through-beam light and converts it into a small electrical current. #### B. Signal Processing Circuit * **Comparator IC:** Compares the voltage from the phototransistor against a threshold set by a sensitivity potentiometer. * **Amplifier:** Boosts the weak signal from the sensor to a level that can trigger the output logic. #### C. Output Stage * **Transistor Switch:** Usually a Bipolar Junction Transistor (BJT) or MOSFET that handles the load switching. * **Protection Diodes:** Includes Zener diodes for voltage regulation and clamping diodes to prevent damage from inductive "kickback" (flyback voltage). #### D. Connection Interface * **R2 Designation:** Usually indicates a specific cable exit or connector type (e.g., a 2-meter pre-wired PVC cable). --- ### 4. Application Use Cases * **Conveyor Systems:** Counting items as they pass a specific point. * **Machine Safety:** Detecting if a safety door is closed or if an operator's hand is in a dangerous area. * **Level Sensing:** Detecting the height of materials in a bin or hopper.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the W2TS-2B3-R2?
    • ⤷ Is this model compatible with 240V AC systems?
    • ⤷ What are the primary differences between the R2 and R5 sub-models?