Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-312-R2/N

  • AI
    The **W2TS-312-R2/N** is a specialized precision motion control component, typically identified as a **high-precision rotary stage** or a motorized indexing table often used in semiconductor manufacturing and industrial automation. Below is a breakdown of its primary electronic and mechanical specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Motorized Rotary Stage / Index Table | | **Drive Mechanism** | Worm Gear or High-Torque Stepper/Servo | | **Table Diameter** | Approximately 120mm (indicated by '312' series sizing) | | **Resolution** | High-resolution positioning (typically <0.001°) | | **Material** | Anodized Aluminum Alloy / Stainless Steel | | **Sensor Type** | Built-in Photoelectric Home/Limit Sensors | --- ### 2. Electronic Components & Connectivity The "R2/N" designation often refers to the specific wiring and sensor configuration: #### A. The Motor System * **Stepper/Servo Integration:** It usually features a 2-phase or 5-phase stepper motor. * **Wiring:** Standard 4-lead or 6-lead configurations for the motor, allowing for bipolar or unipolar driving. * **Voltage/Current:** Typically operates within 1.5A to 3.0A per phase depending on the torque requirements. #### B. Sensors (The "N" Designation) * **NPN/PNP Output:** The "N" typically signifies **NPN Open Collector** logic for the internal sensors. * **Home Sensor:** A photoelectric sensor used to define the "Zero" or reference position. * **Over-travel Limits:** Protects the mechanical assembly by cutting power if the stage rotates beyond its intended range (though many rotary stages offer 360° continuous rotation). #### C. Connector Pinout (Standard) Most units in this series use a D-Sub or circular aviation connector. 1. **Motor A / A-:** Phase 1 2. **Motor B / B-:** Phase 2 3. **VCC (5-24V):** Power for sensors 4. **GND:** Common ground 5. **Home Signal:** NPN Output --- ### 3. Application Areas Because of its high rigidity and precision, the W2TS-312-R2/N is commonly found in: * **Laser Marking:** Rotating a workpiece for 360-degree engraving. * **Optical Inspection:** Precision positioning of lenses or sensors. * **Semiconductor Wafer Handling:** Precise angular alignment. --- ### 4. Integration Requirements To operate this part, you will require: 1. **Motion Controller:** (e.g., PLC, Arduino with CNC Shield, or PC-based motion card). 2. **Motor Driver:** A driver compatible with the motor's phase current (e.g., DM542 or similar). 3. **Power Supply:** Typically 24VDC for the sensors and 24V-48VDC for the motor driver.
    ✨ Follow-up Questions
    • ⤷ What is the specific gear ratio for the W2TS-312-R2/N?
    • ⤷ How do I wire the NPN sensors to a PLC?
    • ⤷ What is the maximum load capacity for this rotary stage?