Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-31A-R2

  • AI
    The **W2TS-31A-R2** is a specific model of an **Industrial Ethernet Switch** (often categorized under networking hardware components). While it is a complete device, its electronic profile is defined by its interface capabilities and environmental durability. --- ### 1. General Specifications The "W2TS" series generally refers to managed or unmanaged industrial switches designed for harsh environments. Below is a breakdown of its core electronic and functional characteristics: | Feature | Description | | :--- | :--- | | **Port Configuration** | Typically features 10/100Base-TX ports (RJ45). | | **Connector Type** | Standard RJ45 with Gold-plated pins for high conductivity. | | **Mounting** | DIN-Rail or Wall mountable for industrial cabinets. | | **Enclosure** | IP30 or IP40 rated metal housing for heat dissipation. | ### 2. Electronic Components & Power The internal circuitry is designed for high availability and protection against electrical noise (EMI/RFI). * **Power Input:** Dual redundant power inputs. This means if one power supply fails, the internal electronic relay switches to the backup seamlessly. * **Protection Circuitry:** * **ESD Protection:** Built-in protection against Electrostatic Discharge (usually up to 6KV). * **Surge Protection:** Protection against voltage spikes on the data lines (usually up to 2KV). * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly. * **Operating Voltage:** Typically operates on a wide range of DC power (e.g., 12V to 48V DC). ### 3. Thermal Design Unlike consumer electronics, the W2TS-31A-R2 uses **Passive Cooling**: * **Fanless Design:** Reduces the risk of mechanical failure and dust intake. * **Heatsink Integration:** The electronic chips are thermally bonded to the metal casing, which acts as a large heatsink. * **Temperature Range:** Rated for extreme environments, typically $-40^{\circ}C$ to $+75^{\circ}C$. ### 4. Data Processing (Internal ICs) * **Switching Fabric:** The internal ASIC (Application-Specific Integrated Circuit) handles "Store-and-Forward" switching to ensure data integrity by checking for CRC errors before forwarding packets. * **Auto-MDI/MDI-X:** Electronic sensing that automatically adjusts for straight-through or crossover cables. --- ### Summary of Connectivity ```yaml Model: W2TS-31A-R2 Type: Industrial Ethernet Switch Electronic Interface: - Ethernet: 10/100 Mbps - Power: Terminal Block (3-pin or 5-pin) - Indicators: LED (Power, Link/Act, Speed) ```
    ✨ Follow-up Questions
    • ⤷What is the specific power consumption in Watts for this model?
    • ⤷ Does the R2 suffix indicate a specific hardware revision or PoE capability?
    • ⤷ Is this switch managed or unmanaged?