Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-3AA-R2/N

  • AI
    The **W2TS-3AA-R2/N** belongs to a specific category of industrial automation components, typically associated with **Signal Converters or Isolators** (often manufactured by brands like M-System or similar industrial electronic firms). These devices are used to interface between field sensors and control systems (PLC/DCS). ### 1. General Specifications This specific model is a **2-Wire Transmitter** or a **Signal Conditioner** designed to convert input signals into a standard industrial output. | Feature | Specification Details | | :--- | :--- | | **Model Type** | W2TS Series (Isolation Transmitter) | | **Power Input** | Loop-powered (2-wire system) | | **Input Signal** | DC Voltage or Current (depending on configuration) | | **Output Signal** | 4 – 20 mA DC | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Breakdown of Part Number Components The suffix codes often define the specific electronic characteristics of the unit: * **W2TS**: Series identifier (Thin-profile 2-wire transmitter). * **3AA**: Usually denotes the input/output range configuration (e.g., 4-20mA input or a specific voltage range). * **R2**: Typically refers to the power supply requirement or a specific revision of the circuit board. * **N**: Often indicates the type of enclosure or the absence of specific optional features (like a power indicator LED or specific explosion-proof rating). --- ### 3. Key Electronic Functions The internal circuitry of the W2TS-3AA-R2/N performs three primary electronic tasks: #### A. Signal Isolation It provides galvanic isolation between the input and the output. This protects the control system from high-voltage surges and eliminates **ground loops**, which can cause measurement errors in industrial environments. #### B. Linearization and Conversion The electronic components inside (Op-Amps and Precision Resistors) take a raw input signal and scale it linearly to a standard 4-20mA loop. This allows for long-distance transmission with minimal signal degradation. #### C. Loop Power Management As a 2-wire device, it does not require a separate power cable. It draws its operating current (usually < 4mA) directly from the output loop, making the wiring more efficient. --- ### 4. Application Use Case In a typical factory setup, the W2TS-3AA-R2/N would be used as follows: 1. **Sensor Side:** Connected to a flow meter or pressure transducer. 2. **Conversion:** The unit converts the sensor's raw output into a stable current. 3. **Control Side:** The 4-20mA signal is sent to a PLC (Programmable Logic Controller) located hundreds of meters away.
    ✨ Follow-up Questions
    • ⤷ What are the specific input range options for the '3AA' configuration?
    • ⤷ Does this model support HART communication protocol?
    • ⤷ What is the maximum isolation voltage rating for the W2TS series?