Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-3BY-R2/Q

  • AI
    The **W2TS-3BY-R2/Q** is a high-precision, industrial-grade signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to convert two independent DC input signals into two isolated DC output signals. --- ### ## 1. Key Component Overview The device functions as a **Dual Output Signal Conditioner**. Its primary role is to provide signal isolation, conversion, and amplification to prevent ground loops and protect sensitive control equipment (like PLCs or DCS). | Feature | Specification | | :--- | :--- | | **Model Series** | W2TS (Ultra-slim Dual Output Transducer) | | **Input Type** | DC Voltage or Current (Dual Channel) | | **Output Type** | DC Voltage or Current (Dual Channel) | | **Isolation** | 4-way isolation (Input 1 to Input 2 to Output to Power) | | **Construction** | Compact, plug-in style | | **Accuracy** | ±0.1% | --- ### ## 2. Technical Specifications Breakdown Based on the specific model suffix **R2/Q**: ### ### Input and Output Configuration * **Dual Channel:** The "W2" prefix indicates a dual-channel unit. It can handle two separate loops in a single slim housing, saving DIN rail space. * **Isolation:** It features 2000V AC isolation. This is critical in electronic systems to ensure that a surge or electrical noise on the field side (sensor) does not destroy the logic side (controller). ### ### Power Supply (R2) * **R:** Indicates the power input requirement. Typically, **R** stands for **24V DC**. * **2:** Refers to specific design iterations or variations in the output range/load resistance capabilities provided by M-System. ### ### Special Quality Suffix (/Q) * The **/Q** suffix indicates a **Special Order** or **Quality Control** specification. This often includes: * Specific calibration certificates. * Tropicalization (coating for high humidity). * Specific labeling or tag numbers requested by the end-user. --- ### ## 3. Typical Application Circuit In an industrial electronic setup, the W2TS acts as a bridge: ```mermaid graph LR A[Sensor 1: 4-20mA] --> B(W2TS Input 1) C[Sensor 2: 4-20mA] --> D(W2TS Input 2) B --> E[Isolated Output 1: 1-5V DC] D --> F[Isolated Output 2: 1-5V DC] G[24V DC Power] --> B G --> D ``` --- ### ## 4. Summary of Benefits 1. **Space Efficiency:** Two isolated signals in one module. 2. **Signal Integrity:** Eliminates noise and ground loop interference. 3. **Versatility:** Can convert a current signal (like 4-20mA) into a voltage signal (like 0-10V) simultaneously.
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output range options for the W2TS series?
    • ⤷ How does 4-way isolation differ from standard 3-way isolation in this model?
    • ⤷ What are the environmental operating limits for the /Q version?