Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-421-R2

  • AI
    The **W2TS-421-R2** is a specific industrial-grade **Temperature Transmitter/Signal Conditioner** typically used in automation and process control. It is designed to convert signals from temperature sensors (like RTDs or Thermocouples) into a standardized analog signal for PLCs or DCS systems. --- ### ## 1. Key Technical Specifications The "421" and "R2" designations usually refer to the input/output configuration and the power supply requirements. | Component / Feature | Description | | :--- | :--- | | **Input Type** | Typically Pt100 RTD (3-wire) or Thermocouple | | **Output Type** | 4-20mA DC (Standard Industrial Current Loop) | | **Power Supply** | 24V DC (Standard for "R2" variants) | | **Mounting** | DIN Rail Mounting (TS-35) | | **Isolation** | Three-way isolation (Input, Output, Power) | | **Accuracy** | Generally ±0.1% to ±0.2% of full scale | --- ### ## 2. Core Electronic Architecture The device consists of several internal electronic stages to ensure signal integrity: 1. **Input Conditioning Stage:** * Uses high-precision resistors and operational amplifiers (Op-Amps) to linearize the weak signal from the temperature sensor. * For RTDs, it provides a stable excitation current. 2. **Isolation Barrier:** * Utilizes **Optocouplers** or **Magnetic Transformers** to separate the input circuit from the output and power circuits. This prevents ground loops and protects the PLC from high-voltage surges. 3. **A/D and D/A Conversion:** * Modern R2 versions often use a microprocessor to convert the analog input to digital for precise linearization before converting it back to a 4-20mA analog signal. 4. **Output Driver:** * A constant current source circuit that ensures the 4-20mA signal remains stable regardless of the resistance (load) of the connecting wire. --- ### ## 3. Wiring Configuration The terminal block layout typically follows this logic: ```text [ Power Section ] Terminal 1: +24V DC Terminal 2: 0V (GND) [ Input Section ] Terminal 3, 4, 5: RTD Connections (A, B, b) [ Output Section ] Terminal 6: (+) 4-20mA Terminal 7: (-) 4-20mA ``` --- ### ## 4. Application Use Case The W2TS-421-R2 is commonly found in: * **HVAC Systems:** Monitoring duct temperatures. * **Manufacturing:** Controlling furnace or cooling jacket temperatures. * **Water Treatment:** Ensuring chemical reactions occur at the correct thermal state.
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration steps for the W2TS-421-R2?
    • ⤷ How does the 'R2' designation differ from the 'R1' or 'R0' models?
    • ⤷ What is the maximum load resistance (in Ohms) for the 4-20mA output?