Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-4B2-R2/CE

  • AI
    The **W2TS-4B2-R2/CE** is a specific part number associated with a **terminal block relay module**, typically manufactured by companies like **Walsin** or used in industrial automation systems (often compatible with PLC interfaces). Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Component Overview This device is an interface module that bridges low-power control signals (from a PLC or microcontroller) to high-power loads. It typically houses 4 channels of electromagnetic relays. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 Channels (4B) | | **Input Voltage** | Typically 24V DC (Standard for Industrial PLC) | | **Output Type** | Relay Contact (Mechanical) | | **Contact Configuration** | 1 Form C (SPDT) or 1 Form A (SPST) per channel | | **Switching Capacity** | Usually 5A to 10A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail (35mm) | | **Wiring Method** | Screw Terminal | --- ### 3. Electronic Parts Breakdown #### A. Electromagnetic Relays The core component. These are the physical switches that open and close the circuit. * **Coil Side:** Receives the trigger signal. * **Contact Side:** Handles the load current. #### B. Protection Circuitry (Flyback Diodes) Each relay channel includes a **Freewheeling Diode** (Flyback diode) connected across the coil. * **Function:** It prevents high-voltage spikes (back EMF) from damaging the driving transistor or PLC output when the relay is de-energized. #### C. Status Indicators (LEDs) * **Type:** Surface Mount (SMD) LEDs. * **Function:** Provides visual confirmation of which channel is active (High/Logic 1). #### D. Terminal Blocks * **Material:** Often high-grade polyamide with brass or steel screw clamps. * **Layout:** Separated into Input (Signal/Common) and Output (Normally Open/Normally Closed/Common). --- ### 4. Part Number Decoder (Typical) * **W2TS:** Series designation (Interface/Relay Terminal). * **4B:** Denotes **4 Channels/Bits**. * **2:** Often refers to the specific relay voltage (e.g., 24V). * **R2:** Revision or specific relay manufacturer code (e.g., Omron or Takamisawa relays inside). * **CE:** Compliance with European Safety Standards (Conformité Européenne). --- ### 5. Wiring Schematic Concept ```text [ PLC Output ] ----> [ Terminal Input (+) ] ----> [ Relay Coil ] ----> [ Terminal Input (-) ] | [ Flyback Diode ] | [ Load Power ] ----> [ Common (COM) ] --/ -- [ Normally Open (NO) ] ----> [ Load ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between NPN and PNP versions of this module?
    • ⤷ Can the relay units inside the W2TS-4B2-R2/CE be replaced individually?
    • ⤷ What is the maximum switching frequency for this specific relay model?