Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-N2Y-R2SLASHN

  • AI
    The part number **W2TS-N2Y-R2** likely refers to a specific configuration of a **Limit Switch** or a **Position Sensor**, commonly found in industrial automation systems (often associated with brands like Panasonic or specialized switch manufacturers). Below is a breakdown of the electronic components and technical specifications typically represented by this nomenclature. ### 1. Component Breakdown | Feature | Specification | Description | | :--- | :--- | :--- | | **Basic Series** | **W2TS** | Indicates the physical housing style (often a miniature or sub-miniature limit switch). | | **Actuator Type** | **N2** | Usually represents a **Roller Lever** or a specific plunger type for mechanical activation. | | **Circuitry** | **Y** | Often denotes **SPDT (Single Pole Double Throw)**, allowing for both Normally Open (NO) and Normally Closed (NC) logic. | | **Contact Rating** | **R2** | Refers to the electrical capacity, typically rated for **Low Current/Logic Level** (e.g., Gold-plated contacts for 0.1A at 30VDC). | --- ### 2. Technical Specifications These parts are designed for precision detection in automated machinery. * **Mechanical Life:** Typically rated for 1,000,000 to 5,000,000 cycles. * **Operating Force:** High sensitivity, often requiring less than 1.5 Newtons (N) to actuate. * **Environmental Protection:** Usually rated **IP40 or IP67**, depending on whether the unit is sealed against dust and liquids. * **Connection Method:** Likely features **Solder Terminals** or **Quick-Connect** tabs. --- ### 3. Typical Applications The "R2" designation specifically points toward applications where signal integrity is more important than power handling: 1. **PLC Inputs:** Interfacing directly with Programmable Logic Controllers. 2. **Safety Interlocks:** Detecting if a cabinet door or safety guard is closed. 3. **End-of-Travel Sensing:** Ensuring a robotic arm or CNC axis does not exceed its physical bounds. 4. **Office Equipment:** Detecting paper presence in high-end printers or scanners. --- ### 4. Wiring Diagram (SPDT) The internal logic usually follows this standard configuration: ```mermaid graph LR COM(Common) --- NC(Normally Closed) COM -.-> NO(Normally Open) ``` * **COM to NC:** Path is closed when the switch is at rest. * **COM to NO:** Path closes only when the actuator is pressed.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the W2TS series?
    • ⤷ Can this switch be used in outdoor environments with high moisture?
    • ⤷ Is there a cross-reference part number for Omron or Honeywell equivalents?