Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2TS-NBC-R2SLASHCE

  • AI
    The **W2TS-NBC-R2/CE** is a specific industrial-grade sensor, typically identified as a high-performance **photoelectric laser sensor** from manufacturers like SICK or similar automation brands. These devices are designed for precision detection in automated environments. --- ### 1. Technical Specifications The "W2TS" series generally refers to "Washer" or "Wash-down" compatible sensors designed for harsh environments. Below are the typical electronic characteristics: | Feature | Specification | | :--- | :--- | | **Sensing Principle** | Photoelectric Proximity (Background Suppression) | | **Light Source** | PinPoint LED or Laser (Visible Red Light) | | **Supply Voltage** | 10 V DC to 30 V DC | | **Output Type** | NPN or PNP (Model dependent, typically push-pull) | | **Switching Mode** | Light/Dark switching (Selectable) | | **Response Time** | < 0.5 ms | | **Connection Type** | M8, 4-pin male connector or Cable | --- ### 2. Key Electronic Components The device consists of several critical internal subsystems: * **Emitter Diode:** A high-intensity PinPoint LED that creates a precise, small light spot for detecting tiny objects or features. * **Receiver Array:** A multi-segmented photodiode array. This allows for **Background Suppression (BGS)**, meaning the sensor ignores objects beyond a set distance regardless of their reflectivity. * **ASIC (Application-Specific Integrated Circuit):** The "brain" that processes the differential signal between the receiver segments to determine distance and object presence. * **Output Transistors:** High-speed switching transistors (NPN/PNP) that interface with a PLC (Programmable Logic Controller). --- ### 3. Meaning of the Part Number Suffixes * **NBC:** Typically refers to the specific connection type (e.g., M8 connector) and internal logic configuration. * **R2:** Usually denotes the sensing range or a specific revision of the optical lens (e.g., 200mm range). * **CE:** Certification mark indicating the device meets European Union safety, health, and environmental protection requirements. --- ### 4. Application and Use Cases Because of its "Wash-down" rating and background suppression, it is used in: 1. **Food & Beverage:** Detecting clear bottles on a conveyor. 2. **Pharmaceuticals:** Precise positioning of small vials. 3. **Packaging:** Detecting dark objects against a light background. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact sensing range of the R2 variant?
    • ⤷ How do I wire the NPN/PNP output to a PLC?
    • ⤷ Is this sensor compatible with IO-Link communication?