Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2VS-1BA-R2

  • AI
    ## W2VS-1BA-R2 Technical Overview The **W2VS-1BA-R2** is a high-performance **Signal Conditioner (Transducer)** manufactured by **M-System**. It is specifically designed to convert a potentiometric resistance signal into a standardized DC output signal. ### 1. Core Functionality This device functions as a **Potentiometer Transmitter**. It tracks the position of a potentiometer (variable resistor) and converts that mechanical position into a linear electrical signal suitable for PLCs, DCS, or SCADA systems. --- ### 2. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | W2VS (Ultra-slim Signal Conditioner) | | **Input Type** | Potentiometer (100 $\Omega$ to 10 k$\Omega$) | | **Output Type** | Dual Output (R2 specifies specific DC ranges) | | **Power Input** | 24V DC | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Accuracy** | $\pm$0.1% of span | | **Isolation** | 2000V AC (Input to Output to Power) | --- ### 3. Electronic Components & Design The W2VS-1BA-R2 utilizes several critical electronic sub-systems to ensure precision and reliability: * **Excitation Circuit:** Provides a stable voltage to the external potentiometer. It is designed to minimize power consumption and heat generation within the sensor. * **Zero/Span Adjustments:** Located on the front panel. These are multi-turn electronic trimmers that allow for precise calibration of the 0% and 100% points. * **Isolation Transformer:** Employs a high-frequency magnetic isolator to separate the input, output, and power circuits. This prevents ground loops and protects sensitive equipment from surges. * **Signal Amplifier:** A low-noise operational amplifier (Op-Amp) converts the wiper voltage into a standardized voltage or current. --- ### 4. Typical Applications * **Valve Position Sensing:** Converting the position of a rotary or linear valve into a 4-20mA signal. * **Tank Level Monitoring:** Using float-operated potentiometers to measure liquid levels. * **Machinery Feedback:** Sensing the movement of robotic arms or industrial actuators. --- ### 5. Wiring Diagram Concept The unit typically uses a **DIN-rail mount** with the following terminal logic: 1. **Input:** Terminals for the Potentiometer (High, Wiper, Low). 2. **Output 1:** Primary DC signal (e.g., 4-20mA). 3. **Output 2:** Secondary DC signal (e.g., 1-5V). 4. **Power:** 24V DC supply terminals.
    ✨ Follow-up Questions
    • ⤷ What are the specific output ranges for the 'R2' variant of this model?
    • ⤷ How do I calibrate the zero and span settings on the W2VS series?
    • ⤷ Is this model compatible with 3-wire or 2-wire potentiometer configurations?