Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2VS-AAA-R

  • AI
    ## W2VS-AAA-R: Component Overview The **W2VS-AAA-R** is a specific model within the **W2 Series** of signal conditioners/transducers manufactured by **M-System** (now part of MG CO., LTD). It is a **dual-output signal conditioner** (isolator) designed for industrial automation and process control. --- ### 1. Key Technical Specifications The alphanumeric code "W2VS-AAA-R" defines the internal electronic configuration and capabilities: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **W2VS** | Model Series | Dual-Output Signal Conditioner (Isolator) | | **-A** | Input Signal | 4 to 20 mA DC | | **A** | Output 1 | 4 to 20 mA DC | | **A** | Output 2 | 4 to 20 mA DC | | **-R** | Power Input | 24V DC | --- ### 2. Electronic Functionality The W2VS-AAA-R functions as a bridge between field sensors and control systems (like PLCs or DCS). Its primary electronic tasks include: * **Signal Splitting:** It takes one input loop (4-20mA) and creates two independent, isolated outputs (4-20mA). This allows one sensor to provide data to two different devices simultaneously without signal loss. * **Galvanic Isolation:** It provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive control equipment from electrical surges originating at the field side. * **Impedance Matching:** It ensures the current loop maintains its integrity even if the load resistance on the output side changes. --- ### 3. Hardware Structure The device is composed of several critical electronic sections: 1. **Input Conditioning Circuit:** Receives the 4-20mA current and converts it into a standardized internal voltage. 2. **Optical/Transformer Isolation:** Uses opto-couplers or high-frequency transformers to pass the signal across the isolation barrier. 3. **Dual Output Buffers:** Two independent circuits that convert the isolated signal back into precise 4-20mA currents. 4. **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the calibration of both outputs. 5. **DC/DC Converter:** An internal power supply unit that regulates the 24V DC input to provide stable voltages for the internal Op-Amps and isolation circuits. --- ### 4. Connection Diagram (Reference) ```text Input (4-20mA) --> [ Isolation Barrier ] --> Output 1 (4-20mA) --> Output 2 (4-20mA) [ Power Supply ] (24V DC) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the outputs of the W2VS-AAA-R?
    • ⤷ Can the input be changed to a voltage signal like 0-10V in this specific model?
    • ⤷ How do I calibrate the zero and span settings for this signal conditioner?