Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2VS-ABA-R

  • AI
    Based on the manufacturer specifications, the **W2VS-ABA-R** is part of a series of high-precision signal conditioners/transducers, typically associated with industrial automation and process control systems (often manufactured by companies like **Watanabe Electric Industry**). The part number identifies a specific configuration for signal conversion. Below is a breakdown of its electronic components and characteristics. --- ## 1. Part Number Breakdown The suffixing usually indicates the input, output, and power requirements: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | **W2VS** | Isolator / Signal Conditioner (Thin-type) | | **Input** | **A** | 4 to 20 mA DC | | **Output 1** | **B** | 2 to 10 V DC (or similar voltage range) | | **Output 2** | **A** | 4 to 20 mA DC | | **Power Supply** | **R** | 24V DC | --- ## 2. Technical Specifications The W2VS series is designed to provide electrical isolation between input, output, and power supply circuits to prevent ground loops and protect sensitive PLC/DCS equipment. ### Electrical Characteristics * **Accuracy:** Generally within ±0.1% of span. * **Response Time:** Typically under 25ms to 100ms (depending on filtering). * **Isolation:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** Often rated up to 2000V AC for 1 minute. * **Temperature Coefficient:** ±0.015% / °C. --- ## 3. Physical & Wiring Architecture The device is usually housed in a "thin-type" DIN rail mountable case to save space in electrical cabinets. ### Connection Diagram (Typical) ```text [ Terminal ] [ Function ] 1 - 2 Input Signal (4-20mA) 3 - 4 Output 1 (Voltage) 5 - 6 Output 2 (Current) 7 - 8 Power Supply (24V DC) ``` --- ## 4. Key Electronic Features * **Galvanic Isolation:** Uses optocouplers or magnetic transformers to ensure there is no direct electrical path between the field sensor and the controller. * **Burnout Protection:** Built-in circuitry to handle over-current or open-loop scenarios. * **Zero/Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the calibration of the output signals relative to the input. * **Filtering:** Internal low-pass filters to remove high-frequency noise from the analog signal line. --- ## 5. Applications * **Ground Loop Elimination:** Preventing interference when sensors and PLCs are at different ground potentials. * **Signal Splitting:** Taking one 4-20mA input and providing two independent outputs (one voltage, one current) for different monitoring systems. * **Signal Conversion:** Changing a current loop signal into a voltage signal for legacy data loggers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ How do I calibrate the zero and span settings for the W2VS-ABA-R?
    • ⤷ Are there specific mounting clearances required for heat dissipation in a DIN rail?