Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2VS-ABB-R2

  • AI
    The **W2VS-ABB-R2** is a high-precision, programmable signal transducer/converter from the **W2 Series** manufactured by M-System (now MG CO., LTD). It is primarily used in industrial automation to convert analog DC signals into two isolated DC outputs. --- ### 1. Technical Specifications Breakdown The alphanumeric code "W2VS-ABB-R2" describes the specific hardware configuration of the unit: | Code Segment | Description | Specification Details | | :--- | :--- | :--- | | **W2VS** | Model Series | Dual-output signal conditioner (Transducer) | | **A** | Input Signal | 4 – 20 mA DC | | **B** | Output 1 | 2 – 10 mA DC | | **B** | Output 2 | 2 – 10 mA DC | | **R** | Power Input | 24V DC | | **2** | Approval/Spec | CE marking (standard configuration) | --- ### 2. Core Electronic Components & Architecture The device is composed of several critical electronic stages designed for signal integrity and safety: #### A. Input Circuitry (Current Loop) * **Precision Shunt Resistor:** Since the input is 4-20mA, a high-stability resistor converts the current into a proportional voltage for the internal processor. * **Surge Protection:** Includes Zener diodes or varistors to protect against line spikes. #### B. Isolation Barrier (Galvanic Isolation) This is a "4-way isolated" device, meaning there is electrical separation between: 1. **Input** 2. **Output 1** 3. **Output 2** 4. **Power Supply** * *Technology:* Uses **Opto-couplers** or **Transformer-based magnetic coupling** to prevent ground loops and protect sensitive PLC/DCS equipment from high-voltage transients. #### C. Signal Processing (CPU/Converter) * **A/D and D/A Converters:** Converts the analog input to digital for processing (filtering/linearization) and then back to analog for the dual outputs. * **Microprocessor:** Manages the calibration data and ensures the accuracy of the conversion ratio. #### D. Power Management * **DC/DC Converter:** An internal switching regulator that takes the 24V DC input and creates isolated voltages required to drive the internal electronics and the output loops. --- ### 3. Physical Interface & Installation * **Housing:** Compact, plug-in structure. * **Connection:** Uses a specialized socket base (typically the **W2B-16** or similar) for easy DIN-rail mounting and wiring. * **Adjustments:** Features front-facing **Zero and Span** adjustments (potentiometers) to fine-tune the output signals without removing the unit. --- ### 4. Summary Table | Feature | Data | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation Resistance** | 100 MΩ minimum at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) |
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span for the W2VS-ABB-R2?
    • ⤷ Can the output signals be changed to 0-10V via internal jumpers?
    • ⤷ What are the common causes for a 'dead' output on this specific model?