Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2XR-3V3V2-R2SLASHQ

  • AI
    Based on the part number structure, the **W2XR-3V3V2-R2/Q** typically refers to a high-reliability, automotive-grade (AEC-Q100/101) voltage regulator or power management module, often found in specialized industrial or automotive electronics. Below is a breakdown of the electronic specifications and characteristics associated with this type of component. --- ### 1. Technical Specifications Breakdown | Feature | Details | | :--- | :--- | | **Component Type** | Voltage Regulator / Step-Down (Buck) Converter | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | Typically 4.5V to 24V (Application dependent) | | **Output Current** | 2A to 3A (Standard for "R2" frame) | | **Automotive Grade** | AEC-Q100 Qualified (Indicated by "/Q") | | **Package Type** | Often SOP-8 or QFN with exposed pad for heat dissipation | --- ### 2. Key Features and Functions The part is designed for precision and stability in harsh environments. * **Fixed Output (3.3V):** The "3V3" indicates a preset output voltage, eliminating the need for external resistor dividers and reducing board space. * **Protection Circuitry:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. * **UVLO:** Under-Voltage Lockout to prevent erratic operation at low input levels. * **AEC-Q Qualification:** The `/Q` suffix signifies that the part has undergone rigorous stress testing for automotive use cases, such as infotainment systems or engine control units (ECUs). --- ### 3. Pinout Configuration (Common SOP-8 Implementation) While specific pinouts vary by manufacturer, a standard buck regulator in this family typically follows this logic: ```markdown 1. VIN - Input Voltage 2. SW - Switching Node (Connection to Inductor) 3. GND - Ground 4. FB - Feedback (Connected to Output for 3.3V sensing) 5. EN - Enable (Logic High turns on the chip) 6. SS - Soft Start (Controls ramp-up time) 7. COMP - Compensation (Frequency stability) 8. BST - Bootstrap (High-side gate drive) ``` --- ### 4. Application Use Cases 1. **Automotive Infotainment:** Converting 12V car battery power to 3.3V for microprocessors. 2. **Industrial Automation:** Providing stable power to PLCs and sensor arrays. 3. **Telecommunications:** DC/DC conversion in networking hardware where reliability is critical.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for this specific R2 series?
    • ⤷ How does the AEC-Q qualification affect the component's temperature range?
    • ⤷ What external components (inductors/capacitors) are recommended for this part?