Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2XR-4Z1V2-R

  • AI
    The **W2XR-4Z1V2-R** is a specific electronic component, typically categorized as a **high-precision power resistor** or a **shunt resistor**, often used in industrial and automotive power management systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This component is designed for applications requiring high reliability and low resistance values to measure current flow. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense / Shunt Resistor | | **Resistance Value** | Low Ohmic (Variable by sub-series, often in mΩ range) | | **Power Rating** | High Power (Often 2W to 5W depending on mounting) | | **Tolerance** | ±1% or better | | **Temperature Coefficient (TCR)** | Low (typically <50 ppm/°C) | | **Material** | Metal Element / Ceramic substrate | --- ### 2. Key Electronic Parts & Construction The internal architecture of the W2XR series is built to handle heat and maintain stability: 1. **Resistive Element:** Usually a specialized metal alloy (like Manganin or NiCr) that maintains a stable resistance even as temperatures rise. 2. **Protective Coating:** A high-temperature epoxy or silicone coating that protects the resistive element from oxidation and humidity. 3. **Terminations:** Standardized solderable end-caps designed for Surface Mount Technology (SMT) or specialized through-hole mounting to ensure a low-impedance connection. --- ### 3. Functional Application In an electronic circuit, the W2XR-4Z1V2-R typically functions as a **Current Transducer**. * **Ohm’s Law Implementation:** By placing this resistor in series with a load, a small voltage drop is created ($V = I \times R$). * **Monitoring:** An Integrated Circuit (IC) or Microcontroller measures this voltage drop to calculate the exact current flowing through the system. * **Protection:** Used for over-current protection and battery management systems (BMS). --- ### 4. Code Block: Typical Current Calculation If you are using this resistor in a circuit, you would use a code snippet like this to calculate the current in an embedded system: ```python # Constants for the W2XR series shunt RESISTANCE_OHMS = 0.005 # Example: 5mOhm VOLTAGE_DROP_V = 0.025 # Measured by ADC def calculate_current(v_drop, r_val): # Current (A) = Voltage (V) / Resistance (R) return v_drop / r_val current = calculate_current(VOLTAGE_DROP_V, RESISTANCE_OHMS) print(f"Measured Current: {current} Amperes") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2XR series?
    • ⤷ Does this component require specialized heatsinking for high-power use?
    • ⤷ How does the TCR value affect current measurement accuracy in this part?