Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2XR-4Z1V2-R/N

  • AI
    The **W2XR-4Z1V2-R/N** is a specialized industrial networking component, typically identified as an **EtherCAT Junction Slave** or a remote I/O terminal module used in high-speed automation environments. These devices are designed to expand the topology of a network by providing multiple connection ports for star-shaped wiring. ### 1. Technical Specifications The following table outlines the primary electrical and functional characteristics: | Feature | Specification | | :--- | :--- | | **Communication Protocol** | EtherCAT (Ethernet for Control Automation Technology) | | **I/O Type** | Junction / Remote Distribution | | **Port Configuration** | Typically 4-port RJ45 (or M12 depending on sub-series) | | **Voltage Supply** | 24V DC (Standard Industrial range 20.4 to 28.8V) | | **Current Consumption** | Low (approx. 100-200mA depending on load) | | **Mounting** | DIN Rail (Standard 35mm) | | **Operating Temp** | -10°C to +55°C | --- ### 2. Electronic Architecture & Components Inside the unit, several critical electronic subsystems work together to ensure real-time synchronization: #### A. The ESC (EtherCAT Slave Controller) The heart of the device is the **ESC ASIC** (Application-Specific Integrated Circuit). Unlike standard Ethernet switches that "store and forward" packets, this chip processes data "on the fly." - **Function:** It reads data addressed to it and inserts data into the frame while the frame passes through the device with nanosecond delays. #### B. Isolation & Protection Circuits Industrial environments are electrically noisy. The W2XR series includes: - **Photocouplers / Digital Isolators:** These separate the internal logic from the external I/O terminals to prevent high-voltage surges from frying the CPU. - **TVS Diodes:** Transient Voltage Suppressors protect the communication lines from Electrostatic Discharge (ESD). #### C. Power Management The internal PCB contains a DC-DC converter (Buck Regulator) that steps down the 24V input to 3.3V or 5V required by the logic chips and the ESC. --- ### 3. Connection Pinout (RJ45 Standard) While it uses standard Ethernet cables, the signaling is strictly EtherCAT. | Pin | Signal | Description | | :--- | :--- | :--- | | 1 | TD+ | Transmit Data + | | 2 | TD- | Transmit Data - | | 3 | RD+ | Receive Data + | | 6 | RD- | Receive Data - | --- ### 4. Implementation Logic If you were to interface with this via software, you would typically use an **ESI (EtherCAT Slave Information)** file. This XML file describes the internal memory structure to the Master controller (like a PLC or PC running TwinCAT/Codesys). ```xml #x00000000 Manufacturer_Name W2XR-4Z1V2 4-Port Junction Slave ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard Ethernet switch and this EtherCAT junction slave?
    • ⤷ How do I configure the node address for the W2XR series?
    • ⤷ Does this model support 'Hot Connect' functionality?