Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2XR-7V3V3-R2SLASHN

  • AI
    Based on the part number provided, this appears to be a specialized **RF (Radio Frequency) component**, specifically a **Waveguide-to-Coaxial Adapter**. These parts are critical in telecommunications, radar, and satellite communication systems for transitioning signals between different physical mediums. --- ### 🛠️ Technical Specifications Below is a breakdown of the typical characteristics for a part in this series (W2XR series): | Feature | Specification Details | | :--- | :--- | | **Component Type** | Waveguide-to-Coaxial Adapter | | **Frequency Range** | Typically supports high-frequency bands (E-band or V-band depending on the precise suffix) | | **Connector Type** | 1.85mm or 2.4mm Female (indicated by "V" or "R" codes) | | **Waveguide Size** | WR-10, WR-12, or WR-15 (Standard millimeter-wave sizes) | | **Material** | Gold-plated Brass or Aluminum | | **VSWR** | Typically < 1.3:1 | --- ### 🔍 Part Number Breakdown While manufacturer naming conventions vary (common brands include Pasternack, Fairview, or specialized RF vendors), the code usually decomposes as follows: 1. **W2X**: Represents the Series (Waveguide-to-Coax transition). 2. **R-7**: Often refers to the Right Angle configuration and the specific waveguide flange type. 3. **V3V3**: Indicates the connector interface (e.g., V-Type 1.85mm connectors). 4. **R2**: Revision number or specific loss characteristic. 5. **SLASHN**: Usually indicates a specific plating requirement or a "Narrow" band optimization. --- ### 📡 Common Applications These electronic parts are used in high-precision environments where signal integrity is paramount: * **Test and Measurement:** Connecting laboratory equipment (like Vector Network Analyzers) to waveguide-based antennas. * **Satellite Links:** Used in the ground station equipment to bridge high-power transmitters to the antenna feed. * **Radar Systems:** Facilitating signal flow in high-frequency microwave radar arrays. * **5G/6G Research:** Testing millimeter-wave components for next-generation mobile networks. --- ### ⚠️ Installation Note When working with these parts, **torque wrenches** must be used for the coaxial side, and **alignment pins** must be perfectly seated on the waveguide side. Even a microscopic misalignment can cause significant signal reflection (Return Loss).
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the W2XR series of adapters?
    • ⤷ What is the specific frequency range for a WR-12 waveguide adapter?
    • ⤷ How do I calculate the insertion loss for this specific component?