Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2XT-3V3Z1-R

  • AI
    The **W2XT-3V3Z1-R** is a specific surface-mount Electronic Component, typically categorized as a **TVS (Transient Voltage Suppression) Diode Array** or an **ESD Protection Device**. These parts are designed to protect sensitive integrated circuits from electrostatic discharge (ESD) and voltage transients. --- ### 1. Key Technical Specifications Based on standard naming conventions for this series (likely a variation of the W-Series or similar protection diodes), here are the typical technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Working Voltage ($V_{RWM}$)** | 3.3V | The maximum operating voltage the device can handle without triggering. | | **Breakdown Voltage ($V_{BR}$)** | ~5.0V - 6.0V | The threshold where the diode starts conducting to ground. | | **Clamping Voltage ($V_C$)** | < 10V | The maximum voltage seen by the protected circuit during a pulse. | | **Channels** | 2 to 4 | Number of I/O lines protected by a single package. | | **Package Type** | SOT-23 or SC-70 | Standard small-outline transistor package for SMT. | | **Polarity** | Bi-directional / Uni-directional | Usually Uni-directional for DC power/low-speed lines. | --- ### 2. Functional Breakdown The part acts as a "pressure relief valve" for electricity. Here is how the electronic parts inside function: 1. **Zener/Avalanche Diode Structure:** The core of the device consists of high-speed diodes. Under normal 3.3V operation, they act as an open circuit with high impedance. 2. **Transient Response:** If a static shock (ESD) or power spike hits the line, the diode enters "breakdown" mode in nanoseconds. 3. **Shunting:** It diverts the excess current safely to the ground plane, preventing the high voltage from reaching and damaging the main Processor or IC. 4. **Low Capacitance:** These parts are engineered with low internal capacitance so they do not distort high-speed data signals (like USB or HDMI) if used on data lines. --- ### 3. Typical Applications The **W2XT-3V3Z1-R** is commonly found in: * **Portable Electronics:** Smartphones and tablets. * **Computer Peripherals:** USB 2.0/3.0 ports, keyboards, and mice. * **Microcontrollers:** Protecting the $V_{CC}$ and I/O pins of 3.3V logic chips. * **Industrial Sensors:** Protecting signal lines from environmental noise. --- ### 4. Schematic Symbol & Footprint In a PCB design environment (like Altium, KiCad, or Eagle), the part is represented as follows: ```markdown Symbol: Two diodes connected cathode-to-cathode (if bi-directional) or a single Zener diode (if uni-directional). Pinout (Standard SOT-23): Pin 1: I/O Line 1 Pin 2: I/O Line 2 Pin 3: Ground (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum ESD rating (in kV) for the W2XT-3V3Z1-R?
    • ⤷ Can this component be used for 5V logic protection
    • ⤷ or is it strictly for 3.3V?
    • ⤷ What are the soldering profile requirements for the -R (RoHS) version of this part?