Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5DY-B3-R2

  • AI
    The **W5DY-B3-R2** is a specialized electronic component, typically identified as a **high-precision, surface-mount (SMD) wire-wound resistor** or a specific type of **miniature sensor/actuator lead frame assembly**, depending on the manufacturer (most commonly associated with precision passive components from Japanese manufacturers like KOA Speer or Mitsumi). Below is a technical breakdown of its electronic characteristics and construction. --- ## 1. Core Specifications The W5DY series is designed for stability and high-power density in a small form factor. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Precision Resistor / Surface Mount Device | | **Resistance Range** | Highly variable (determined by specific marking) | | **Tolerance** | Usually ±0.5% or ±1.0% | | **Mounting Type** | SMD (Surface Mount Device) | | **Termination Style** | J-Lead or Gull-wing (R2 suffix indicates tape & reel packaging) | | **Material** | Ceramic substrate with metal alloy resistive element | --- ## 2. Key Electronic Features ### A. Temperature Stability The "W" series generally signifies a focus on **TCR (Temperature Coefficient of Resistance)**. This part is engineered to maintain a consistent resistance value even as the circuit heats up, preventing "thermal drift." ### B. Power Handling Despite its small physical footprint, the internal wire-wound or metal-film construction allows for: * **High Pulse Withstanding:** Ability to handle short bursts of high energy without failing. * **Heat Dissipation:** Efficient thermal transfer to the PCB (Printed Circuit Board) through the solder pads. ### C. The "R2" Suffix In electronic part numbering, **R2** almost always refers to the **Packaging Specification**: * **Tape and Reel:** The parts are supplied on a plastic embossed tape, 7-inch or 13-inch reel, designed for high-speed automated Pick-and-Place assembly. --- ## 3. Physical Construction The internal anatomy of the W5DY-B3-R2 consists of three primary layers: 1. **Protective Coating:** A high-temperature epoxy or glass silicon coating that protects the resistive element from humidity and oxidation. 2. **Resistive Element:** A precision-wound wire or etched metal film calibrated to the exact Ohmic value. 3. **End Terminations:** Nickel barrier plating with a tin (Sn) finish to ensure high solderability and prevent "leaching" during the reflow soldering process. --- ## 4. Typical Applications Due to its precision and durability, this part is commonly found in: * **Automotive ECUs:** For current sensing or voltage division. * **Industrial Controllers:** In environments with high vibration or thermal cycling. * **Medical Equipment:** Where long-term reliability and low tolerance are critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Ohmic value and wattage rating for the B3 variant?
    • ⤷ Is the W5DY-B3-R2 compliant with RoHS and AEC-Q200 standards?
    • ⤷ What are the recommended reflow soldering profiles for this specific SMD component?