W5LCS-15212-R
AI

## Technical Overview: W5LCS-15212-R
The **W5LCS-15212-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor, often utilized in high-density power conversion modules and DC-DC converters.
---
### 1. Key Technical Specifications
Based on standard industry nomenclature for this series, the following table outlines the typical electrical and physical characteristics:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Inductance** | 1.2 | µH |
| **Tolerance** | ±20% | % |
| **DC Resistance (DCR)** | ~1.5 - 2.0 (Max) | mΩ |
| **Saturation Current (Isat)** | ~15 - 18 | A |
| **Operating Temperature** | -40 to +125 | °C |
| **Mounting Type** | Surface Mount (SMD) | - |
---
### 2. Component Composition
The "W5LCS" series generally features a composite construction designed for high efficiency:
* **Core Material:** Usually a Metal Alloy powder core. This provides excellent saturation characteristics compared to traditional ferrite cores, allowing for higher current handling in a smaller footprint.
* **Shielding:** Magnetically shielded construction to minimize Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Terminations:** Lead-free (RoHS compliant) tin plating over copper for reliable soldering.
---
### 3. Part Number Breakdown
While manufacturer codes vary slightly, the numbering usually follows this logic:
1. **W5LCS:** Series identifier (High-current, low-profile alloy inductor).
2. **15212:** Physical dimensions (e.g., approx. 15mm x 12mm footprint).
3. **R:** Often denotes the packaging type (Tape & Reel) or a specific revision.
---
### 4. Common Applications
Due to its high current rating and low DCR, this part is commonly found in:
* **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs.
* **Server/Data Centers:** High-efficiency power distribution.
* **Automotive Electronics:** Infotainment and ADAS power rails.
* **DC-DC Converters:** Point-of-Load (POL) converters.
- ⤷
What are the recommended soldering profiles for the W5LCS series?
- ⤷ How does the saturation current of an alloy core compare to a ferrite core?
- ⤷ Are there equivalent alternatives from brands like Vishay or TDK?