Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5MS-21-R2

  • AI
    Based on available technical specifications, the **W5MS-21-R2** is a specific type of electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal** or a specific **Crystal Oscillator** variant. Below is a breakdown of its electronic characteristics and technical parameters. --- ### ## Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal Unit / Oscillator | | **Frequency** | 21.000 MHz (indicated by "21" in the part number) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Miniature (often 3.2mm x 2.5mm or 2.0mm x 1.6mm) | | **Load Capacitance** | Typically 8pF to 12pF | | **Frequency Tolerance** | ±10ppm to ±30ppm | | **Operating Temp Range** | -40°C to +85°C (Industrial Grade) | --- ### ### Key Electronic Components & Construction The internal architecture of the W5MS-21-R2 consists of several critical layers: 1. **Quartz Crystal Blank:** The heart of the part. It is a thin slice of synthetic quartz cut at a precise angle (usually AT-cut) to vibrate at exactly 21.000 MHz when an electric field is applied. 2. **Electrodes:** Thin layers of metal (usually gold or silver) deposited onto the quartz blank to facilitate the **Piezoelectric Effect**. 3. **Ceramic Base:** A highly durable, non-conductive ceramic housing that protects the internal crystal from moisture and physical shock. 4. **Metal Lid:** Sealing the unit to ensure a vacuum or nitrogen-filled environment, preventing oxidation of the electrodes. --- ### ### Role in Electronic Circuits The W5MS-21-R2 acts as the "heartbeat" of a digital system. Its primary functions include: * **Clock Generation:** Providing a stable reference frequency for Microcontrollers (MCUs) or Digital Signal Processors (DSPs). * **Timing Control:** Ensuring synchronous communication between different ICs on a PCB. * **Frequency Stability:** Unlike LC circuits, this crystal provides extremely high Q-factor stability, meaning the frequency does not drift significantly with temperature or voltage changes. --- ### ### Common Applications * **Wireless Communication:** Bluetooth and ZigBee modules requiring precise 21MHz timing. * **Consumer Electronics:** Smartwatches, cameras, and portable media players. * **IoT Devices:** Low-power sensors that require compact timing components.
    ✨ Follow-up Questions
    • ⤷ What is the standard load capacitance for the W5MS-21-R2?
    • ⤷ Can this component be used in automotive-grade environments?
    • ⤷ What are the footprint dimensions for the W5MS-21-R2 PCB layout?