Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5MS-43-R

  • AI
    The **W5MS-43-R** is a specific electronic component, typically categorized as a **Micro-Switch** or a specialized **Tactile/Limit Switch** often used in automotive, industrial, or precision instrumentation applications. --- ## Technical Specifications & Features Below is a breakdown of the typical electronic characteristics associated with this part series: | Property | Description | | :--- | :--- | | **Component Type** | Micro-Switch / Snap Action Switch | | **Contact Configuration** | Single Pole Double Throw (SPDT) or SPST | | **Actuator Type** | Often features a pin plunger or lever (varies by sub-suffix) | | **Current Rating** | Typically 0.1A to 5A (depending on voltage) | | **Voltage Rating** | 12V DC to 250V AC (standard range) | | **Mounting Style** | PCB Through-hole or Solder Terminal | | **Environmental Protection** | Often IP40 or IP67 (Sealed versions) | --- ## Core Electronic Parts & Construction The internal architecture of the W5MS-43-R consists of several critical electronic and mechanical elements: ### 1. Contact Points * **Material:** Usually silver alloy or gold-plated (for low-current signals). * **Function:** This is where the electrical circuit is physically opened or closed. Gold plating is used to prevent oxidation in low-voltage logic circuits. ### 2. Spring Mechanism * **Beryllium Copper Leaf:** A high-endurance spring that provides the "snap action." This ensures that the transition between ON and OFF states is instantaneous, regardless of how slowly the external actuator is pressed. * **Hysteresis:** The mechanism is designed with a specific differential travel (the distance between the trip point and the reset point). ### 3. Housing (Dielectric Body) * **Material:** Thermoplastic or Thermosetting resin (e.g., PBT or Phenolic). * **Purpose:** Provides electrical insulation between the terminals and the mounting surface, ensuring high dielectric strength. ### 4. Terminals * **Leads:** Made of brass or copper alloy with tin plating for better solderability. * **Logic:** The "43" in the part number often refers to the specific terminal orientation (e.g., right-angle, left-angle, or straight PCB pins). --- ## Common Applications Because of its precision and reliability, the W5MS-43-R is commonly found in: 1. **Automotive:** Door latch sensors, seatbelt buckles, and gear shifters. 2. **Consumer Electronics:** Detection switches in printers or scanners. 3. **Industrial:** Limit switches for small-scale robotics or CNC end-stops. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact terminal spacing for the W5MS-43-R?
    • ⤷ What are the differences between the R and S suffixes in this series?
    • ⤷ Is this switch rated for high-moisture environments?