Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5MS-B2-R

  • AI
    The **W5MS-B2-R** is a specific model of an **Industrial Joystick** or **Micro-switch operated Control Grip**, typically manufactured by companies like **OTTO Engineering** or similar industrial component specialists. These are commonly used in heavy machinery, aerospace, and medical equipment. --- ### 1. Component Overview The W5 series generally refers to a miniature, hall-effect, or electromechanical thumbwheel or toggle integrated into a larger control system. | Feature | Specification Details | | :--- | :--- | | **Part Series** | W5 Series (Miniature Control) | | **Actuator Type** | Thumbwheel / Roller / Toggle | | **Switching Logic** | Momentary (Spring Return) | | **Output Type** | Electromechanical or Hall Effect (Varies by sub-model) | | **Mounting Style** | Panel Mount / Grip Integrated | --- ### 2. Breakdown of the Model Number (Typical) While internal manufacturer codes vary, the suffix usually indicates the following electronic and mechanical configurations: * **W5:** The base series identifier for the miniature thumbwheel/control. * **MS:** Often indicates "Micro-Switch" or "Momentary Standard" operation. * **B2:** Refers to the physical housing size or the circuit configuration (e.g., Double Pole, Double Throw or specific wiring). * **R:** Usually designates the **Return-to-center** (Spring Return) mechanism or a **Red** actuator color/LED. --- ### 3. Electronic Characteristics The electronics inside the W5MS-B2-R are designed for high reliability in harsh environments. #### Electrical Ratings * **Voltage:** Typically rated for 5V DC (if Hall Effect) or up to 28V DC (if Electromechanical). * **Current:** Low level switching, often around 10mA to 100mA for logic-level signals. * **Seal Integrity:** Usually rated to **IP68S**, meaning the internal electronics are protected against dust and water immersion. #### Circuit Schematic (General) ```yaml Terminal 1: Common (GND/VCC) Terminal 2: Output A (Forward/Up) Terminal 3: Output B (Reverse/Down) Terminal 4: Shield/Case Ground (Optional) ``` --- ### 4. Common Applications Due to its precision and rugged build, this part is found in: 1. **Crane Control Handles:** For controlling secondary booms. 2. **Military Gimbals:** For camera positioning or sensor tilting. 3. **Forklift Controls:** To manage the tilt or side-shift of the forks. 4. **Medical Imaging:** For zooming or panning on diagnostic screens.
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout configurations for the W5MS series?
    • ⤷ Is the W5MS-B2-R a Hall Effect or a contact-based switch?
    • ⤷ What is the mechanical life expectancy (cycles) for this component?