Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5MS-CC-R

  • AI
    The **W5MS-CC-R** is a specific electronic component, typically classified as a **Power Inductor** (specifically a Metal Composite Chip Inductor), often manufactured by companies like Cyntec. These are widely used in DC-DC converters for mobile devices, laptops, and automotive electronics. --- ### 1. Part Number Breakdown While specific manufacturers have slight variations, the nomenclature generally breaks down as follows: | Segment | Meaning | Description | | :--- | :--- | :--- | | **W5MS** | Series / Material | Indicates a Metal Composite core (usually Iron Powder based). | | **CC** | Case Size | Refers to the physical dimensions (often 2.5 x 2.0 mm or similar). | | **R** | Packaging / Lead-free | Indicates RoHs compliance and Tape & Reel packaging. | --- ### 2. Key Technical Specifications These components are designed for high-efficiency power management. Below are the typical electrical characteristics for this class of inductor: * **Inductance Range:** Usually ranges from 0.22µH to 2.2µH (depending on the specific value suffix not shown in the base part number). * **Core Material:** Metal Alloy/Composite. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop abruptly when current increases. * **DCR (DC Resistance):** Extremely low to minimize power loss and heat generation. * **Operating Temperature:** Typically rated for **-40°C to +125°C**. * **Shielding:** Magnetically shielded construction to reduce Electromagnetic Interference (EMI). --- ### 3. Structural Features The "Metal Composite" technology used in the W5MS series offers several advantages over traditional ferrite inductors: 1. **High Current Density:** Can handle higher saturation currents ($I_{sat}$) in a smaller footprint. 2. **Low Buzz Noise:** The molded construction reduces acoustic noise caused by magnetostriction. 3. **Stability:** Better stability across a wide range of temperatures and frequencies. --- ### 4. Common Applications Due to its compact size and high efficiency, the W5MS-CC-R is found in: * **Smartphones:** CPU/GPU power rails. * **Wearables:** Power management for sensors and displays. * **Laptops:** Point-of-Load (POL) converters. * **SSD Drives:** Power supply filtering. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the W5MS-CC-R variant you are looking at?
    • ⤷ How does a metal composite inductor differ from a traditional ferrite core inductor in terms of saturation?
    • ⤷ Are you looking for a direct cross-reference or equivalent part from another manufacturer?