Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5PA-D7BD-R2

  • AI
    The **W5PA-D7BD-R2** is a specific part number typically associated with **LVDS (Low-Voltage Differential Signaling) interface cables** used in industrial displays, medical monitors, and high-end consumer electronics. Below is the technical breakdown of the electronic components and specifications related to this part. --- ## 1. Technical Specifications The W5PA-D7BD-R2 is generally a high-density, multi-pin connector or cable assembly designed for high-speed data transmission. | Feature | Specification | | :--- | :--- | | **Connector Type** | High-density Board-to-Wire or Wire-to-Wire | | **Interface** | LVDS / eDP (Embedded DisplayPort) | | **Pin Count** | Commonly 30-pin or 40-pin (Series dependent) | | **Pitch** | 0.5mm to 1.0mm | | **Signal Speed** | Up to 1.2 Gbps per lane | | **Material** | Halogen-free, Gold-plated contacts | --- ## 2. Key Electronic Components This part assembly consists of several critical sub-components that ensure signal integrity: ### A. The Connector Housing * **Insulation:** High-temperature thermoplastic (UL94V-0 rated). * **Shielding:** Metal shell (usually tin-plated or stainless steel) to provide EMI (Electromagnetic Interference) protection, crucial for video signals. ### B. The Terminal Contacts * **Plating:** Gold plating on the contact area to prevent oxidation and ensure low contact resistance over thousands of cycles. * **Base Metal:** Copper alloy for high conductivity. ### C. Cable / Wiring * **Twisted Pairs:** The internal wiring uses differential pairs to cancel out noise. * **Impedance Matching:** Designed for a specific differential impedance (usually 100 Ohms) to prevent signal reflection. --- ## 3. Typical Applications The W5PA series is frequently found in the following electronic environments: 1. **Industrial PCs (IPC):** Connecting the motherboard to the LCD/LED panel. 2. **Medical Imaging:** Used in ultrasound or X-ray monitors where signal precision is vital. 3. **Digital Signage:** Driving large-format displays from a central controller board. 4. **Gaming Machines:** High-refresh-rate displays in casino or arcade cabinets. --- ## 4. Handling & Maintenance * **Static Sensitivity:** As an LVDS component, it is sensitive to ESD (Electrostatic Discharge). Handle with grounded straps. * **Mechanical Stress:** The fine pitch of the pins makes the connector susceptible to bending. Avoid "hot-plugging" (connecting while power is on) to prevent arcing across the small gaps. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the W5PA-D7BD-R2?
    • ⤷ Which manufacturers produce compatible alternatives for this LVDS cable?
    • ⤷ What is the maximum operating temperature range for this component?