Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5RS-641-R2

  • AI
    The **W5RS-641-R2** is a specific model within a series of industrial-grade **Ethernet-to-Serial Device Servers** (often associated with brands like Advantech or similar industrial automation providers). These devices are designed to bridge legacy serial communication equipment with modern IP-based networks. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | RS-232/422/485 (Software selectable) | | **Network Port** | 10/100 Mbps Ethernet (RJ45) | | **Serial Connector** | Typically DB9 or Terminal Block | | **Power Input** | Wide range DC input (often 12-48V DC) | | **Protocols** | TCP/IP, UDP, ICMP, DHCP, ARP, Telnet | | **Operating Temp** | -10°C to 60°C (standard industrial range) | --- ### 2. Core Electronic Components & Architecture The internal circuitry of a device like the W5RS-641-R2 consists of several critical stages: #### A. Microcontroller/Processor Unit The "brain" of the device. It handles the protocol conversion. It takes the incoming serial data packets, wraps them in TCP/IP headers, and sends them through the Ethernet controller (and vice-versa). #### B. UART (Universal Asynchronous Receiver-Transmitter) This component manages the timing and data framing for the serial side. High-quality UARTs in these devices often include large buffers to prevent data loss during high-speed transmissions. #### C. Transceivers (RS-232/422/485) * **RS-232 Driver:** Handles the +/- voltage swings required for standard PC serial ports. * **RS-485/422 Driver:** Uses differential signaling for long-distance communication (up to 1.2km) and noise immunity. * **Isolation:** Many "R2" revisions include optical isolation or surge protection to prevent high-voltage spikes on the serial line from frying the internal processor. #### D. Ethernet PHY/Controller This chip handles the physical layer of the network connection, managing signal encoding, collision detection, and the link to the RJ45 port. --- ### 3. Functional Applications The W5RS-641-R2 is primarily used in the following scenarios: 1. **Remote Monitoring:** Connecting a PLC (Programmable Logic Controller) to a central server via the internet. 2. **Virtual COM Ports:** Allowing a PC to "see" a remote serial device as if it were plugged directly into the local COM1/COM2 port. 3. **Data Logging:** Sending sensor data from RS-485 chains to a cloud-based database. --- ### 4. Mounting and Physical Build * **Housing:** Usually a rugged metal or high-impact plastic casing. * **Mounting:** Designed for DIN-rail or wall mounting in industrial cabinets. * **LED Indicators:** Provides visual feedback for Power (PWR), Ready (RDY), and Link/Activity for both Serial and Ethernet ports.
    ✨ Follow-up Questions
    • ⤷How do I configure the RS-485 termination resistors on this device?
    • ⤷ Does the W5RS-641-R2 support Modbus RTU to Modbus TCP conversion?
    • ⤷ What software is required to map a Virtual COM port for this unit?