Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5TS-3B3-R2

  • AI
    The **W5TS-3B3-R2** is a specific electronic component typically categorized as a **Surface Mount (SMT) Grounding Terminal** or a **Spring Contact**. These parts are frequently manufactured by companies like Omron or specialized connector brands for use in high-frequency shielding and grounding applications. --- ### 1. Key Technical Specifications The following table outlines the general characteristics of this series of components: | Feature | Specification | | :--- | :--- | | **Component Type** | SMT Shielding/Grounding Spring Terminal | | **Mounting Style** | Surface Mount (SMD) | | **Material** | Stainless steel or Beryllium Copper with Gold/Nickel plating | | **Contact Type** | Leaf Spring / Pressure Contact | | **Packaging** | Tape and Reel (for automated pick-and-place) | | **Primary Function** | Electrical grounding and EMI shielding | --- ### 2. Functional Overview The W5TS-3B3-R2 serves three primary technical purposes within a PCB assembly: 1. **EMI/RFI Shielding:** It creates a low-impedance path between the PCB ground plane and a metal enclosure (chassis). This prevents electromagnetic interference from escaping or entering the device. 2. **Electrostatic Discharge (ESD) Protection:** It provides a safe path for static electricity to discharge to the ground before it can damage sensitive semiconductor components. 3. **Mechanical Connection:** Because it is a spring-loaded contact, it compensates for mechanical tolerances and vibrations between the board and the outer casing. ### 3. Internal Structure & Materiality * **Plating:** Usually features **Gold plating** over Nickel. Gold ensures high conductivity and prevents oxidation, which is critical for maintaining a stable ground connection over the lifetime of the product. * **Base Metal:** Designed with high elasticity to ensure that the "spring back" force remains constant even after multiple compressions. --- ### 4. Application Examples This component is commonly found in compact consumer electronics where space is limited: * **Smartphones:** Connecting the logic board to the internal metal frame. * **Laptops:** Grounding the keyboard bezel or display assembly. * **Automotive Electronics:** Providing vibration-resistant grounding for sensors and ECU modules. --- ### 5. Footprint and Soldering The "R2" suffix usually refers to the packaging (Tape and Reel) for automated assembly. * **Reflow Soldering:** The base of the component is designed to be soldered directly onto a PCB pad using standard SMT reflow profiles. * **Orientation:** Most models are symmetrical, but the "3B3" designation often refers to specific height and width dimensions (e.g., 3.0mm height).
    ✨ Follow-up Questions
    • ⤷ What is the maximum compression height for the W5TS-3B3-R2?
    • ⤷ How does gold plating compare to tin plating in grounding terminals?
    • ⤷ Can this part be used for power transmission or only for grounding?