Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W5TS-4D4-R

  • AI
    The **W5TS-4D4-R** is a specific electronic component, typically categorized as a **phototriac coupler** or an **AC switch output SSR (Solid State Relay)** module, often manufactured by companies like OMRON (though specific suffix variations may apply to industrial custom orders). Below is a detailed breakdown of its electronic characteristics and structure. --- ### 1. General Specifications The W5TS series is designed for controlling AC loads using a low-power DC input signal, providing electrical isolation between the control circuit and the load. | Feature | Specification (Typical) | | :--- | :--- | | **Output Type** | AC (Triac/Thyristor) | | **Isolation** | Photocoupler / Opto-isolation | | **Load Voltage Range** | 75 to 264 VAC | | **Rated Load Current** | 4A (approximate, dependent on heat dissipation) | | **Input Type** | DC Voltage (Logically driven) | | **Switching Method** | Zero-cross or Random-fire (Model dependent) | --- ### 2. Internal Electronic Architecture The device consists of three main stages: #### A. Input Stage (Control) * **Opto-LED:** The input contains an infrared LED. When a DC voltage is applied, the LED emits light. * **Current Limiting:** Internal resistors usually protect the LED from overcurrent within a specified range (e.g., 5V or 12V DC). #### B. Isolation Barrier * **Dielectric Strength:** The input and output are physically separated by a transparent silicone or plastic resin, allowing light to pass but blocking high-voltage AC surges. This protects the microcontroller (like an Arduino or PLC) from the 220V/110V AC line. #### C. Output Stage (Power) * **Phototriac/Power Triac:** The light hits a photosensitive trigger which engages a Power Triac. * **Zero-Cross Circuitry:** Most "4D4" variants include a zero-cross circuit. This ensures the AC power only switches **ON** when the AC sine wave crosses 0V, minimizing electromagnetic interference (EMI) and current spikes. --- ### 3. Pinout and Connection Logic While physical form factors can vary (SIP or DIP), the logic remains consistent: | Pin Category | Description | Connection Tip | | :--- | :--- | :--- | | **Input (+)** | Positive DC Control | Connect to Digital Output (Logic High) | | **Input (-)** | Ground/Return | Connect to Logic Ground | | **Output (L1)** | AC Line In | Connect to the Hot/Live wire | | **Output (T1)** | AC Load Out | Connect to the Motor, Heater, or Lamp | --- ### 4. Key Application Use-Cases * **Industrial Automation:** Switching solenoids, valves, and small motors. * **Home Appliances:** Controlling heating elements in coffee machines or ovens. * **Lighting:** Interfacing logic-level controllers with high-voltage AC lighting systems. --- ### 5. Technical Precautions 1. **Heat Dissipation:** If running the W5TS-4D4-R at its maximum rated current (4A), a heatsink or copper plane on the PCB is required to prevent thermal runaway. 2. **Snubber Circuit:** For inductive loads (like motors), an external RC snubber circuit may be needed to prevent voltage spikes ($dv/dt$) from accidentally triggering the Triac. 3. **Polarity:** The DC input is polarity-sensitive; reversing the input pins will prevent the device from switching.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the W5TS-4D4-R?
    • ⤷ Does this model support Zero-Cross switching for inductive loads?
    • ⤷ What are the physical dimensions and mounting styles available for this part?